Moteur de recherche de fiches techniques de composants électroniques |
|
AMEPR10D-4025AZUW Fiches technique(PDF) 2 Page - AIMTEC |
|
AMEPR10D-4025AZUW Fiches technique(HTML) 2 Page - AIMTEC |
2 / 4 page Series AMEPR10D-AZ up to 0.7A | AC-DC LED driver www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 052.1e R3.P 2 of 4 North America only Output Specifications Parameters Conditions Typical Maximum Units Current accuracy ±7 % Line regulation (LL-HL) ±10 % Load regulation 0-100% load ±7 % Ripple & Noise ③ 3 V p-p Hold-up time 1 ms Minimum Load Voltage See the models table ③ Ripple and Noise are measured at 20MHz bandwidth by using a 0.1μF (M/C) or (C/C) and 47µF (E/C) parallel capacitor. Isolation Specifications Parameters Conditions Typical Maximum Units Tested I/O voltage 60 sec 3000 VAC Isolation Resistance >1000 MΩ General Specifications Parameters Conditions Typical Maximum Units Switching frequency 65 KHz Over load protection 110 % Over voltage protection ≥110 % Short circuit protection Auto recovery Over temperature protection >105°C Operating temperature With derating over 55°C (for IP67 case) -20 to +80 oC Maximum case temperature 100 oC Storage temperature -40 to +95 oC Temperature coefficient ±0.02 % / oC Cooling Free air convection Humidity 95 % RH Case material Plastic Wires UL1015 Input 18AWG*10CM/ Output 20 AWG * 10CM Weight IP20 160 g IP67 200 Dimensions (L X H X W) 133 x 33 x 30mm (5.24 x 1.30 x 1.18 inch) MTBF >400,000 hrs (MIL-HDBK-217F at +25°C) Environment Approval Test Parameters Conditions Shock Wave form Half sine wave Acceleration amplitude 5gn Bump duration 30 ms Converter operation Before and after test, body mounted (on chassis) Number of bumps 18 (3 in each direction for every axis) Vibration Test mode Sweep sine, 10-100Hz, speed 0.05Hz/s Displacement 1 mm Acceleration 3g, 3 loops 30min one cycle, 3h total, every axis tested Converter operation Before and after test, body mounted (on chassis) |
Numéro de pièce similaire - AMEPR10D-4025AZUW |
|
Description similaire - AMEPR10D-4025AZUW |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |