Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5819 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 1N5819
Description  1.0 Ampere Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5819 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  1N5819 Datasheet HTML 1Page - Fairchild Semiconductor 1N5819 Datasheet HTML 2Page - Fairchild Semiconductor 1N5819 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N5817-1N5819, Rev. A1
1N5817 - 1N5819
1.0 Ampere Schottky Barrier Rectifiers
Absolute Maximum Ratings*
T
A = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A = 25°C unless otherwise noted
2001 Fairchild Semiconductor Corporation
Features
1.0 ampere operation at T
A = 90°C
with no thermal runaway.
For use in low voltage, high
frequency inverters free
wheeling, and polarity
protection applications.
Symbol
Parameter
Device
Units
1N5817 1N5818 1N5819
VRRM
Maximum Peak Repetitive Reverse Voltage
20
30
40
V
VRMS
Maximum RMS Voltage
14
21
28
V
VR
DC Reverse Voltage
(Rated VR)
20
30
40
V
IRM
Maximum Instantaneous Reverse Current
TA = 25
°C
@ rated VR
TA = 100
°C
0.5
10
mA
mA
VFM
Maximum Instantaneous Forward Voltage
@ 1.0 A
@ 3.0 A
450
750
550
875
600
900
mV
mV
C
Typical Junction Capacitance
VR = 4.0 V, f = 1.0 MHz
110
pF
DO-41
COLOR BAND DENOTES CATHODE
Symbol
Parameter
Value
Units
IF(AV)
Average Rectified Current
.375 " lead length @ TA = 90
°C
1.0
A
IFSM
Non-repetitive Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
25
A
PD
Total Device Dissipation
Derate above 25
°C
1.25
12.5
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
80
°C/W
Tstg
Storage Temperature Range
-65 to +125
°C
TJ
Operating Junction Temperature
-65 to +125
°C


Numéro de pièce similaire - 1N5819

FabricantNo de pièceFiches techniqueDescription
logo
Stanson Technology
1N5819 STANSON-1N5819 Datasheet
67Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
1N5819 ETC2-1N5819 Datasheet
329Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Motorola, Inc
1N5819 MOTOROLA-1N5819 Datasheet
96Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
SeCoS Halbleitertechnol...
1N5819 SECOS-1N5819 Datasheet
190Kb / 2P
   VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers
logo
Jinan Jingheng (Group) ...
1N5819 JINANJINGHENG-1N5819 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Description similaire - 1N5819

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
SS12 FAIRCHILD-SS12 Datasheet
341Kb / 6P
   1.0 Ampere Schottky Barrier Rectifiers
1N5819 FAIRCHILD-1N5819 Datasheet
109Kb / 3P
   1.0 Ampere Schottky Barrier Rectifiers
1N5817 FAIRCHILD-1N5817 Datasheet
36Kb / 2P
   1.0 Ampere Schottky Barrier Rectifiers
MBRS130L FAIRCHILD-MBRS130L Datasheet
37Kb / 3P
   1.0 Ampere Schottky Power Rectifiers
MBR0540 FAIRCHILD-MBR0540 Datasheet
180Kb / 3P
   1.0 Ampere Schottky Power Rectifiers
logo
Pan Jit International I...
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
1S2 PANJIT-1S2 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB120S PANJIT-SB120S Datasheet
46Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N5817 SURGE-1N5817 Datasheet
66Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
logo
Yea Shin Technology Co....
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com