Moteur de recherche de fiches techniques de composants électroniques |
|
AD4U2400316G17-S Fiches technique(PDF) 1 Page - A-Data Technology |
|
AD4U2400316G17-S Fiches technique(HTML) 1 Page - A-Data Technology |
1 / 2 page Premier DDR4 2400 Unbuffered DIMM Premier DDR4 2400 U-DIMM represents a new and appealing desktop memory upgrade option, with optimized support for the latest Intel processor and chipset platforms delivering high performance. Meticulous compliance with JEDEC DDR4 specifications means fast clock frequencies up to 2400MHz combined with 20% power draw savings compared to DDR3. Premier DDR4 2400 modules therefore boost both performance and environmental conservation. Features ● High speed up to 2400MHz ● Transfer bandwidth up to 17GB/s ● Energy efficient: saves 20% power compared to DDR3 ● 8-layer PCB provides improved signal transfer and system stability ● Supports Intel Skylake, Kaby Lake, and Cannon Lake platforms Specifications ● For desktop PCs ● Module: 288-pin DIMM ● Densities: 4GB / 8GB / 16GB ● Power supply: VDD and VDDQ=1.2V +0.06/-0.06V ● DRAM activation power supply: VPP = 2.5V (+0.25V / -0.125V) ● DRAM VCC: DDR4 STD 1.2V ● Operating temperature: 0°C to 85°C ● Warranty: limited lifetime |
Numéro de pièce similaire - AD4U2400316G17-S |
|
Description similaire - AD4U2400316G17-S |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |