Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4U240038G17-B Fiches technique(PDF) 2 Page - A-Data Technology

No de pièce AD4U240038G17-B
Description  High speed up to 2400MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-DATA [A-Data Technology]
Site Internet  https://www.adata.com
Logo A-DATA - A-Data Technology

AD4U240038G17-B Fiches technique(HTML) 2 Page - A-Data Technology

  AD4U240038G17-B Datasheet HTML 1Page - A-Data Technology AD4U240038G17-B Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Capacity
Package
Model Number
EAN Code
4GB
512x8
Bulk
AD4U2400W4G17-B
N/A
Single Tray
AD4U2400W4G17-S
4712366964433
Retail
AD4U2400W4G17-R
4712366964440
Dual Retail
AD4U2400W4G17-2
4712366964457
8GB
Bulk
AD4U2400W8G17-B
N/A
Single Tray
AD4U2400W8G17-S
4712366964464
Retail
AD4U2400W8G17-R
4712366964471
Dual Retail
AD4U2400W8G17-2
4712366964488
8GB
1024x8
Bulk
AD4U240038G17-B
N/A
Single Tray
AD4U240038G17-S
4712366966444
Retail
AD4U240038G17-R
4712366966451
Dual Retail
AD4U240038G17-2
4712366966475
16GB
Bulk
AD4U2400316G17-B
N/A
Single Tray
AD4U2400316G17-S
4712366964495
Retail
AD4U2400316G17-R
4712366964501
Dual Retail
AD4U2400316G17-2
4712366964518
Package Information
Package
Type
IC
QTY
Bulk
weight
(g)
Qty per
tray(pcs)
Weight
per tray
(g)
Qty per
sub
carton
(pcs)
Weight
per sub
carton
Carton
Dimensions
(L x W x H)
Cuft
Qty per
carton
(pcs)
Carton
N.W. (g)
Carton
G.W.(g)
Bulk
8
16.4
50
1,028
100
2,404
445 x 346 x
280mm
1.52
500
12,020
12,883
16
17.6
50
1,088
100
2,524
500
12,620
13,483
Package
Type
IC
QTY
Bulk
weight (g)
Single tray
weight (g)
Single Tray
Dimensions
(L x W x H)
Carton Dimensions
(L x W x H)
Cuft
Qty per
carton (pcs)
Carton
N.W. (g)
Carton
G.W.(g)
Single
Tray
8
16.4
28
170 x 55 x 9mm
545 x 255 x 278mm
1.37
300
8,520
10,275
16
17.6
30
300
8,880
10,635
Package
Type
IC
QTY
Bulk
weight (g)
Retail
weight (g)
Retail Dimensions
(L x W x H)
Carton Dimensions
(L x W x H)
Cuft
Qty per
carton (pcs)
Carton
N.W. (g)
Carton
G.W.(g)
Retail
8
16.4
48
133.5 x 165 x 19mm
606 x 345 x 150mm
1.11
100
4,840
5,894
16
17.6
50
100
4,960
6,014
Dual
Retail
8
16.4
72
168 x 164 x 19mm
606 x 345 x 195mm
1.43
100
7,180
8,249
16
17.6
74
100
7,420
8,489


Numéro de pièce similaire - AD4U240038G17-B

FabricantNo de pièceFiches techniqueDescription
logo
A-Data Technology
AD4U2133W4G15-2 A-DATA-AD4U2133W4G15-2 Datasheet
401Kb / 2P
   High speed up to 2133MHz
AD4U2133W4G15-B A-DATA-AD4U2133W4G15-B Datasheet
401Kb / 2P
   High speed up to 2133MHz
AD4U2133W4G15-R A-DATA-AD4U2133W4G15-R Datasheet
401Kb / 2P
   High speed up to 2133MHz
AD4U2133W4G15-S A-DATA-AD4U2133W4G15-S Datasheet
401Kb / 2P
   High speed up to 2133MHz
AD4U2133W8G15-2 A-DATA-AD4U2133W8G15-2 Datasheet
401Kb / 2P
   High speed up to 2133MHz
More results

Description similaire - AD4U240038G17-B

FabricantNo de pièceFiches techniqueDescription
logo
A-Data Technology
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
   High speed up to 2400MHz
logo
Vecow Co., Ltd.
EMBC-3000 VECOW-EMBC-3000 Datasheet
852Kb / 2P
   DDR4 2400MHz memory, up to 32GB
logo
Taoglas antenna solutio...
WCM.01.0151W TAOGLAS-WCM.01.0151W Datasheet
4Mb / 30P
   2400MHz to 2500MHz Antenna
logo
A-Data Technology
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
   High speed up to 1600MHz
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
   High speed up to 800MHz
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
   High speed up to 1600MHz
DDR42133 A-DATA-DDR42133 Datasheet
401Kb / 2P
   High speed up to 2133MHz
logo
Rohm
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
List of Unclassifed Man...
CA14 ETC2-CA14 Datasheet
675Kb / 7P
   2400MHz to 2500MHz WLAN/WIFI/Bluetooth/Zigbee
logo
RF Micro Devices
RFDA2077 RFMD-RFDA2077 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com