Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4U2666W4G19-S Fiches technique(PDF) 3 Page - A-Data Technology

No de pièce AD4U2666W4G19-S
Description  Supports Intel Skylake-X and Kaby Lake-X CPU
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-DATA [A-Data Technology]
Site Internet  https://www.adata.com
Logo A-DATA - A-Data Technology

AD4U2666W4G19-S Fiches technique(HTML) 3 Page - A-Data Technology

  AD4U2666W4G19-S Datasheet HTML 1Page - A-Data Technology AD4U2666W4G19-S Datasheet HTML 2Page - A-Data Technology AD4U2666W4G19-S Datasheet HTML 3Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Information
Package
Type
IC
Qty
Bulk
Weight
(g)
Qty
per
tray
(pcs)
Weight
per
tray (g)
Qty per
sub
carton
Weight
per
sub
carton
Carton
Dimensions
(L x W x H/mm)
Cuft
Qty
per
carton
(pcs)
Carton
N.W.
(g)
Carton
G.W.
(g)
Bulk
4
13
50
760
100
1,810
445 x 346 x 280
1.52
500
9,050
9,750
8
16.4
50
1,028
100
2,404
500
11,320
12,183
16
17.6
50
1,088
100
2,524
500
12,320
13,183
Package
Type
IC
Qty
Bulk
Weight
(g)
Single
tray
weight (g)
Single Tray
Dimensions
(L x W x H/mm)
Carton
Dimensions
(L x W x H/mm)
Cuft
Qty per
carton
(pcs)
Carton
N.W.
(g)
Carton
G.W.
(g)
Single
Tray
4
13
25
170 x 55 x 9
545 x 255 x 278
1.37
300
7,500
8,254
8
16.4
28
300
8,100
8,854
16
17.6
30
300
8,700
9,454
Package
Type
IC
Qty
Bulk
Weight
(g)
Retail
weight (g)
Retail Dimensions
(L x W x H/mm)
Carton
Dimensions
(L x W x H/mm)
Cuft
Qty per
carton
(pcs)
Carton
N.W.
(g)
Carton
G.W.
(g)
Retail
4
13
45
133.5 x 165 x 19
606 x 345 x 150
1.11
100
4,500
5,554
8
16.4
48
100
4,840
5,894
16
17.6
50
100
4,960
6,014
Package
Type
IC
Qty
Bulk
Weight
(g)
Retail
weight (g)
Retail Dimensions
(L x W x H/mm)
Carton
Dimensions
(L x W x H/mm)
Cuft
Qty per
carton
(pcs)
Carton
N.W.
(g)
Carton
G.W.
(g)
Dual
Retail
4
13
65
168 x 164 x 19
606 x 345 x 195
1.43
100
6,500
7,569
8
16.4
72
100
7,180
8,249
16
17.6
74
100
7,420
8,489


Numéro de pièce similaire - AD4U2666W4G19-S

FabricantNo de pièceFiches techniqueDescription
logo
A-Data Technology
AD4U2133W4G15-2 A-DATA-AD4U2133W4G15-2 Datasheet
401Kb / 2P
   High speed up to 2133MHz
AD4U2133W4G15-B A-DATA-AD4U2133W4G15-B Datasheet
401Kb / 2P
   High speed up to 2133MHz
AD4U2133W4G15-R A-DATA-AD4U2133W4G15-R Datasheet
401Kb / 2P
   High speed up to 2133MHz
AD4U2133W4G15-S A-DATA-AD4U2133W4G15-S Datasheet
401Kb / 2P
   High speed up to 2133MHz
AD4U2133W8G15-2 A-DATA-AD4U2133W8G15-2 Datasheet
401Kb / 2P
   High speed up to 2133MHz
More results

Description similaire - AD4U2666W4G19-S

FabricantNo de pièceFiches techniqueDescription
logo
BCM Advanced Research.
RX170Q BCM-RX170Q Datasheet
583Kb / 1P
   Intel® Q170 uATX Motherboard supports Intel Kaby Lake/ Skylake Processors
MX110H BCM-MX110H Datasheet
445Kb / 1P
   Intel H110 mini-ITX Motherboard Kaby Lake Skylake Platform
2020/12/14
MX170QD BCM-MX170QD Datasheet
428Kb / 1P
   Intel Q170 mini-ITX motherboard supports 6th/7th Generation 14nm Intel Kaby Lake/ Skylake Core i7/i5/i3 Processors
2020/12/14
logo
Axiomtek Co., Ltd.
EBOX670-891-FL AXIOMTEK-EBOX670-891-FL Datasheet
356Kb / 1P
   LGA1151 socket 6th/7th Intel짰 Core??i7/i5/i3 & CeleronR processors (Skylake/Kaby Lake)
logo
BCM Advanced Research.
ECM-KBLU BCM-ECM-KBLU Datasheet
415Kb / 1P
   7th Gen Intel® Kaby Lake-U Processor 3.5” Micro Module
2021/02/23
logo
Axiomtek Co., Ltd.
IMB500 AXIOMTEK-IMB500 Datasheet
274Kb / 1P
   LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3, PentiumR & CeleronR processor (Skylake/Kaby Lake)
IMB501 AXIOMTEK-IMB501 Datasheet
319Kb / 1P
   LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3, PentiumR & CeleronR processor (Skylake/Kaby Lake)
logo
Lanner All Rights Reser...
NCA-4210 LANNER-NCA-4210 Datasheet
1Mb / 2P
   1U x86 Rackmount Network Appliance Powered by Intel짰?셲 7th Gen Core Processors (Skylake/Kaby Lake)
logo
Protech Systems Co., Lt...
BA-0951 PROTECHSYSTEMS-BA-0951 Datasheet
702Kb / 2P
   ATX MB supports Intel Xeon짰 E3 V3 CPU
logo
Lanner All Rights Reser...
IIOT-I300 LANNER-IIOT-I300 Datasheet
470Kb / 2P
   Industrial Environment Gateway IPC with Intel® Apollo Lake CPU
V.1-2023.01.04
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com