Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FPS060WF10136BH1 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce FPS060WF10136BH1
Description  RF Power Plate Capacitors with Flat Rim, Class 1 Ceramic
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FPS060WF10136BH1 Fiches technique(HTML) 2 Page - Vishay Siliconix

  FPS060WF10136BH1 Datasheet HTML 1Page - Vishay Siliconix FPS060WF10136BH1 Datasheet HTML 2Page - Vishay Siliconix FPS060WF10136BH1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FPS 60, FPS 80, FPS 110
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
2
Document Number: 22099
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The surface temperature during operation must not exceed +100 °C
Note
• Dimensions W2 will vary depending upon capacitance value
SAP PART NUMBER, ELECTRICAL AND DIMENSIONAL DATA
PART NUMBER
CERAMIC
CAP.
VALUE
(pF)
RATED
VOLTAGE
(kVp)
RATED
POWER
(kvar) (1)
RATED
CURRENT
(ARMS)
DIA.
DMAX.
mm (inches)
WIDTH
W1
mm (inches)
WIDTH
W2
mm (inches)
TYPE FPS 60
FPS060WF10136BH1
R42
100
12
10
13
62
(2.44)
29 ± 1
(1.14 ± 0.04)
20 ± 1
(0.79 ± 0.04)
FPS060WF20136BJ1
R85
200
30 ± 1
(1.18 ± 0.04)
21 ± 1
(0.83 ± 0.04)
FPS060WF25136BJ1
250
29 ± 1
(1.14 ± 0.04)
20 ± 1
(0.79 ± 0.04)
FPS060WF30136BJ1
300
27 ± 1
(1.06 ± 0.04)
18 ± 1
(0.71 ± 0.04)
FPS060BH50136BJ1
500
10
25 ± 1
(0.98 ± 0.04)
16 ± 1
(0.63 ± 0.04)
TYPE FPS 80
FPS080VY50136BJ1
R85
500
7.0
15
13
86
(3.39)
29 ± 3
(1.14 ± 0.12)
15 ± 3
(0.59 ± 0.12)
FPS080VT10236BJ1
1000
3.5
15
16
27 ± 3
(1.06 ± 0.12)
11 ± 3
(0.43 ± 0.12)
TYPE FPS 110
FPS110BF10236BJ1
R85
1000
6
30
13
116
(4.57)
30 ± 3
(1.18 ± 0.12)
16 ± 3
(0.63 ± 0.12)
DIMENSIONS in millimeters (inches)
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071
W
1
W
2
M6 Threads
D


Numéro de pièce similaire - FPS060WF10136BH1

FabricantNo de pièceFiches techniqueDescription
logo
Yamaichi Electronics Co...
FPS009-2305-0 YAMAICHI-FPS009-2305-0 Datasheet
122Kb / 2P
   SD Card and MMC Reader - Push/Push (Small Size)
FPS009-2405-0 YAMAICHI-FPS009-2405-0 Datasheet
74Kb / 2P
   SD Card and MMC Reader - Push / Push (Low Profile)
FPS009-2409-0 YAMAICHI-FPS009-2409-0 Datasheet
198Kb / 2P
   SD Card and MMC Reader - Push / Push (Low Profile)
FPS009-2901-0 YAMAICHI-FPS009-2901-0 Datasheet
176Kb / 2P
   SD Card & MMC Reader - Push / Push (Low Profile)
FPS009-2910-0 YAMAICHI-FPS009-2910-0 Datasheet
208Kb / 2P
   SD Card & MMC Reader - Push / Push (with Stand-off)
More results

Description similaire - FPS060WF10136BH1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
FPS60 VISHAY-FPS60 Datasheet
115Kb / 2P
   Plate Capacitors with Flat Rim - Class 1 Ceramic
Revision: 14-Aug-02
P70 VISHAY-P70 Datasheet
103Kb / 5P
   RF Power Plate Capacitors with Contoured Rim, Class 1 Ceramic
P.70 VISHAY-P.70 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
PS30 VISHAY-PS30 Datasheet
96Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 14-Aug-02
PS20 VISHAY-PS20 Datasheet
89Kb / 3P
   Plate Capacitors with Contoured Rim - Class 2 Ceramic
Revision: 14-Aug-02
PEF220 VISHAY-PEF220_16 Datasheet
104Kb / 7P
   RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic
Revision: 29-Feb-16
FPZ140 VISHAY-FPZ140_13 Datasheet
82Kb / 3P
   RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic
Revision: 01-Mar-13
R.012085 VISHAY-R.012085 Datasheet
82Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 04-Sep-15
T085120 VISHAY-T085120 Datasheet
93Kb / 5P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
R016040 VISHAY-R016040 Datasheet
87Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com