Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4664 Fiches technique(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM4664
Description  Filterless High Efficiency 1.1W Switching Audio Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4664 Fiches technique(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4664 Datasheet HTML 6Page - National Semiconductor (TI) LM4664 Datasheet HTML 7Page - National Semiconductor (TI) LM4664 Datasheet HTML 8Page - National Semiconductor (TI) LM4664 Datasheet HTML 9Page - National Semiconductor (TI) LM4664 Datasheet HTML 10Page - National Semiconductor (TI) LM4664 Datasheet HTML 11Page - National Semiconductor (TI) LM4664 Datasheet HTML 12Page - National Semiconductor (TI) LM4664 Datasheet HTML 13Page - National Semiconductor (TI) LM4664 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
9 Bump micro SMD
Order Number LM4664ITL, LM4664ITLX
NS Package Number TLA09AAA
X1 = 1.514
X2 = 1.514
X3 = 0.600
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL
COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and
whose failure to perform when properly used in
accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a
significant injury to the user.
2. A critical component is any component of a life
support device or system whose failure to perform
can be reasonably expected to cause the failure of
the life support device or system, or to affect its
safety or effectiveness.
BANNED SUBSTANCE COMPLIANCE
National Semiconductor certifies that the products and packing materials meet the provisions of the Customer Products
Stewardship Specification (CSP-9-111C2) and the Banned Substances and Materials of Interest Specification
(CSP-9-111S2) and contain no ‘‘Banned Substances’’ as defined in CSP-9-111S2.
National Semiconductor
Americas Customer
Support Center
Email: new.feedback@nsc.com
Tel: 1-800-272-9959
National Semiconductor
Europe Customer Support Center
Fax: +49 (0) 180-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 69 9508 6208
English
Tel: +44 (0) 870 24 0 2171
Français Tel: +33 (0) 1 41 91 8790
National Semiconductor
Asia Pacific Customer
Support Center
Email: ap.support@nsc.com
National Semiconductor
Japan Customer Support Center
Fax: 81-3-5639-7507
Email: jpn.feedback@nsc.com
Tel: 81-3-5639-7560
www.national.com
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.


Numéro de pièce similaire - LM4664

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
LM4663MT NSC-LM4663MT Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
   Filterless High Efficiency 1W Switching Audio Amplifier
logo
Texas Instruments
LM4665 TI1-LM4665 Datasheet
1Mb / 28P
[Old version datasheet]   LM4665 Filterless High Efficiency 1W Switching Audio Amplifier
logo
National Semiconductor ...
LM4665ITL NSC-LM4665ITL Datasheet
1,018Kb / 18P
   Filterless High Efficiency 1W Switching Audio Amplifier
More results

Description similaire - LM4664

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4671 NSC-LM4671_08 Datasheet
588Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
LM4671 NSC-LM4671 Datasheet
969Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4670 NSC-LM4670_06 Datasheet
1Mb / 20P
   Filterless High Efficiency 3W Switching Audio Amplifier
LM4667 NSC-LM4667 Datasheet
757Kb / 16P
   Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
   Filterless High Efficiency 1W Switching Audio Amplifier
LM4666 NSC-LM4666 Datasheet
642Kb / 15P
   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
logo
Texas Instruments
LM4667 TI1-LM4667 Datasheet
1Mb / 24P
[Old version datasheet]   LM4667 Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4671 TI1-LM4671 Datasheet
1Mb / 22P
[Old version datasheet]   LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com