Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMEPR15D-5030AZ110D Fiches technique(PDF) 4 Page - AIMTEC

No de pièce AMEPR15D-5030AZ110D
Description  up to 1A | AC-DC LED Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR15D-5030AZ110D Fiches technique(HTML) 4 Page - AIMTEC

  AMEPR15D-5030AZ110D Datasheet HTML 1Page - AIMTEC AMEPR15D-5030AZ110D Datasheet HTML 2Page - AIMTEC AMEPR15D-5030AZ110D Datasheet HTML 3Page - AIMTEC AMEPR15D-5030AZ110D Datasheet HTML 4Page - AIMTEC AMEPR15D-5030AZ110D Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series AMEPR15D-AZ
up to 1A | AC-DC LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.R
4 of 5
North America only
AC
Earth 
Ground
Line (Brown)
Neutral (Blue)
Triac Device
Aimtec
LED Driver
Red (+)
Black (‐)
LED Lighting 
Application
Triac Dimming Notes:
A‐ The triac device can be installed on either Line or Neutral
B‐ Aimtec LED drivers have been designed to function with a wide 
range of available Triac devices, however the following list of Triac 
devices have been tested.
1) Company: LUTRON
     Series: SKYLARK
     Model: SF‐10P‐WH (input voltage: 120Vac)
     Model: SF‐12P‐277‐WH (input voltage 277Vac)
2) Company LUTRON
     Series: DIVA
     Model: DVF‐103P‐WH (input voltage: 120Vac)
     Model: DVF‐103P‐277‐WH (input voltage: 277Vac)
3) Company BERKER
     Model: 2867 10 (input voltage:230Vac)
If the power voltage range is 90~135Vac, triac suggested use model 
SF‐10P‐WH or DVF‐103P‐WH.
If the power voltage range is 180~260Vac, triac suggested use 
model SF‐12P‐277‐WH or DVF‐103P‐277‐WH.
Triac Dimming Feature


Numéro de pièce similaire - AMEPR15D-5030AZ110D

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR15D-5030AZ AIMTEC-AMEPR15D-5030AZ Datasheet
514Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-5030AZ AIMTEC-AMEPR15D-5030AZ Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
More results

Description similaire - AMEPR15D-5030AZ110D

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ_16 Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ_16 Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ_13 Datasheet
510Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR5-1630AZ AIMTEC-AMEPR5-1630AZ Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com