Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9216BCPZRL7-65 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD9216BCPZRL7-65
Description  10-Bit, 65/80/105 MSPS Dual A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9216BCPZRL7-65 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD9216BCPZRL7-65 Datasheet HTML 4Page - Analog Devices AD9216BCPZRL7-65 Datasheet HTML 5Page - Analog Devices AD9216BCPZRL7-65 Datasheet HTML 6Page - Analog Devices AD9216BCPZRL7-65 Datasheet HTML 7Page - Analog Devices AD9216BCPZRL7-65 Datasheet HTML 8Page - Analog Devices AD9216BCPZRL7-65 Datasheet HTML 9Page - Analog Devices AD9216BCPZRL7-65 Datasheet HTML 10Page - Analog Devices AD9216BCPZRL7-65 Datasheet HTML 11Page - Analog Devices AD9216BCPZRL7-65 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
AD9216
Rev. A | Page 7 of 40
TIMING DIAGRAM
tA
N–8
N–7
N–6
N–5
N–4
N–3
N–2
N–1
N
N+1
N–1
N
N+1
N+2
N+3
N+4
N+5
N+6
N+7
N+8
tPD
ANALOG
INPUT
CLK
DATA
OUT
Figure 2.


Numéro de pièce similaire - AD9216BCPZRL7-65

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9216BCPZRL7-65 AD-AD9216BCPZRL7-65 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
More results

Description similaire - AD9216BCPZRL7-65

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com