Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SGC2060ST Fiches technique(PDF) 4 Page - GOOD-ARK Electronics

No de pièce SGC2060ST
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GOOD-ARK [GOOD-ARK Electronics]
Site Internet  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC2060ST Fiches technique(HTML) 4 Page - GOOD-ARK Electronics

  SGC2060ST Datasheet HTML 1Page - GOOD-ARK Electronics SGC2060ST Datasheet HTML 2Page - GOOD-ARK Electronics SGC2060ST Datasheet HTML 3Page - GOOD-ARK Electronics SGC2060ST Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SGC2060ST
Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 20A
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the Suzhou
Good-Ark product best suited to the customer
’s application; they do not convey any license under any
intellectual property rights, or any other rights, belonging to Suzhou Good-Ark Electronics Co., Ltd.or a
third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or infringement of any
third-party
’s rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or
circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts, programs and
algorithms represents information on products at the time of publication of these materials, and are
subject to change by Suzhou Good-Ark Electronics Co., Ltd. without notice due to product improvements
or other reasons. It is therefore recommended that customers contact Suzhou Good-Ark Electronics Co.,
Ltd. or an authorized Suzhou Good-Ark Electronics Co., Ltd. for the latest product information before
purchasing a product listed herein. The information described here may contain technical inaccuracies or
typographical errors. Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage,
liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information
published by Suzhou Good-Ark Electronics Co., Ltd. by various means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data, diagrams,
charts, programs, and algorithms, Please be sure to evaluate all information as a total system before
making a final decision on the applicability of the information and products. Suzhou Good-Ark Electronics
Co., Ltd. assumes no responsibility for any damage, liability or other loss resulting from the information
contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or reproduce
in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further details on
these materials or the products contained herein.
www.goodark.com
4/4
2014.08-Rev.A


Numéro de pièce similaire - SGC2060ST

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
SGC2060ST GOOD-ARK-SGC2060ST_15 Datasheet
208Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 20A
More results

Description similaire - SGC2060ST

FabricantNo de pièceFiches techniqueDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com