Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9255-105EBZ Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD9255-105EBZ
Description  1.8 V Analog-to-Digital Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9255-105EBZ Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD9255-105EBZ Datasheet HTML 4Page - Analog Devices AD9255-105EBZ Datasheet HTML 5Page - Analog Devices AD9255-105EBZ Datasheet HTML 6Page - Analog Devices AD9255-105EBZ Datasheet HTML 7Page - Analog Devices AD9255-105EBZ Datasheet HTML 8Page - Analog Devices AD9255-105EBZ Datasheet HTML 9Page - Analog Devices AD9255-105EBZ Datasheet HTML 10Page - Analog Devices AD9255-105EBZ Datasheet HTML 11Page - Analog Devices AD9255-105EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Data Sheet
AD9255
Rev. C | Page 7 of 44
Parameter
Temperature
Min
Typ
Max
Unit
LOGIC INPUT (CSB)1
High Level Input Voltage
Full
1.22
SVDD
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
−10
+10
µA
Low Level Input Current
Full
40
132
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
2
pF
LOGIC INPUT (SCLK/DFS)2
High Level Input Voltage
Full
1.22
SVDD
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current (VIN = 1.8 V)
Full
−92
−135
µA
Low Level Input Current
Full
−10
+10
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
2
pF
LOGIC INPUT/OUTPUT (SDIO/DCS)1
High Level Input Voltage
Full
1.22
SVDD
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
−10
+10
µA
Low Level Input Current
Full
38
128
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
5
pF
High Level Output Voltage
Full
1.70
V
Low Level Output Voltage
Full
0.2
V
LOGIC INPUTS (OEB, PDWN, DITHER, LVDS, LVDS_RS)2
High Level Input Voltage
Full
1.22
2.1
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current (VIN = 1.8 V)
Full
−90
−134
µA
Low Level Input Current
Full
−10
+10
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
5
pF
DIGITAL OUTPUTS (DRVDD = 1.8 V)
CMOS Mode
High Level Output Voltage
IOH = 50 µA
Full
1.79
V
IOH = 0.5 mA
Full
1.75
V
Low Level Output Voltage
IOL = 1.6 mA
Full
0.2
V
IOL = 50 µA
Full
0.05
V
LVDS Mode
ANSI Mode
Differential Output Voltage (VOD)
Full
290
345
400
mV
Output Offset Voltage (VOS)
Full
1.15
1.25
1.35
V
Reduced Swing Mode
Differential Output Voltage (VOD)
Full
160
200
230
mV
Output Offset Voltage (VOS)
Full
1.15
1.25
1.35
V
1
Pull-up.
2
Pull-down.


Numéro de pièce similaire - AD9255-105EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9255-105EBZ AD-AD9255-105EBZ Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
More results

Description similaire - AD9255-105EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com