Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9267 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD9267
Description  Dual Continuous Time Sigma-Delta Modulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9267 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD9267_17 Datasheet HTML 4Page - Analog Devices AD9267_17 Datasheet HTML 5Page - Analog Devices AD9267_17 Datasheet HTML 6Page - Analog Devices AD9267_17 Datasheet HTML 7Page - Analog Devices AD9267_17 Datasheet HTML 8Page - Analog Devices AD9267_17 Datasheet HTML 9Page - Analog Devices AD9267_17 Datasheet HTML 10Page - Analog Devices AD9267_17 Datasheet HTML 11Page - Analog Devices AD9267_17 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
AD9267
Rev. 0 | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Electrical
AVDD to AGND
−0.3 V to +2.0 V
DVDD to DGND
−0.3 V to +2.0 V
DRVDD to DGND
−0.3 V to +3.9 V
AGND to DGND
−0.3 V to +0.3 V
AVDD to DRVDD
−3.9 V to +2.0 V
CVDD to CGND
−0.3 V to +2.0 V
CGND to DGND
−0.3 V to +0.3 V
D0±A to D3±A to DGND
−0.3 V to +2.0 V
D0±B to D3±B to DGND
−0.3 V to +2.0 V
DCO± to DGND
−0.3 V to +2.0 V
OR±A, OR±B to DGND
−0.3 V to +2.0 V
PDWNA to DGND
−0.3 V to +3.9 V
PDWNB to DGND
−0.3 V to +3.9 V
PLLMULTx to DGND
−0.3 V to +3.9 V
SDIO to DGND
−0.3 V to +3.9 V
CSB to AGND
−0.3 V to +3.9 V
SCLK to AGND
−0.3 V to +3.9 V
VIN±A, VIN±B to AGND
−0.3 V to +2.5 V
CLK+, CLK− to CGND
−0.3 V to +2.0 V
Environmental
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The exposed paddle must be soldered to the ground plane for
the LFCSP package. Soldering the exposed paddle to the PCB
increases the reliability of the solder joints, maximizing the
thermal capability of the package.
Typical θJA and θJC are specified for a 4-layer board in still air.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, metal in direct contact with the package leads from
metal traces, through holes, ground, and power planes reduces
the θJA.
Table 6. Thermal Resistance
Package Type
θJA
Unit
64-Lead LFCSP (CP-64-4)
22
°C/W
ESD CAUTION


Numéro de pièce similaire - AD9267_17

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9267BCPZ AD-AD9267BCPZ Datasheet
531Kb / 24P
   10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
REV. 0
AD9267EBZ AD-AD9267EBZ Datasheet
531Kb / 24P
   10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
REV. 0
More results

Description similaire - AD9267_17

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9267 AD-AD9267 Datasheet
531Kb / 24P
   10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
REV. 0
logo
Maxim Integrated Produc...
DS8102 MAXIM-DS8102 Datasheet
157Kb / 9P
   Dual Delta-Sigma Modulator and Encoder
Rev 1; 2/09
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD9262 AD-AD9262_17 Datasheet
1Mb / 33P
   30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7720 AD-AD7720_15 Datasheet
236Kb / 16P
   CMOS Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7720 AD-AD7720_17 Datasheet
270Kb / 17P
   CMOS Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com