Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9230-11 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD9230-11
Description  11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9230-11 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD9230-11 Datasheet HTML 5Page - Analog Devices AD9230-11 Datasheet HTML 6Page - Analog Devices AD9230-11 Datasheet HTML 7Page - Analog Devices AD9230-11 Datasheet HTML 8Page - Analog Devices AD9230-11 Datasheet HTML 9Page - Analog Devices AD9230-11 Datasheet HTML 10Page - Analog Devices AD9230-11 Datasheet HTML 11Page - Analog Devices AD9230-11 Datasheet HTML 12Page - Analog Devices AD9230-11 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD9230-11
Rev. 0 | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Electrical
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to DRGND
−0.3 V to +2.0 V
AGND to DRGND
−0.3 V to +0.3 V
AVDD to DRVDD
−2.0 V to +2.0 V
D0+/D0− through D10+/D10−
to DRGND
−0.3 V to DRVDD + 0.3 V
DCO+/DCO− to DRGND
−0.3 V to DRVDD + 0.3 V
OR+/OR− to DGND
−0.3 V to DRVDD + 0.3 V
CLK+ to AGND
−0.3 V to +3.9 V
CLK− to AGND
−0.3 V to +3.9 V
VIN+ to AGND
−0.3 V to AVDD + 0.2 V
VIN− to AGND
−0.3 V to AVDD + 0.2 V
SDIO/DCS to DGND
−0.3 V to DRVDD + 0.3 V
PWDN to AGND
−0.3 V to +3.9 V
CSB to AGND
−0.3 V to +3.9 V
SCLK/DFS to AGND
−0.3 V to +3.9 V
Environmental
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature
(Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The exposed paddle must be soldered to the ground plane
for the LFCSP package. Soldering the exposed paddle to the
customer board increases the reliability of the solder joints,
maximizing the thermal capability of the package.
Table 6.
Package Type
θJA
θJC
Unit
56-Lead LFCSP (CP-56-2)
30.4
2.9
°C/W
Typical θJA and θJC are specified for a 4-layer board in still air.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, metal that is in direct contact with the package leads
reduces the θJA.
ESD CAUTION


Numéro de pièce similaire - AD9230-11

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9230-11 AD-AD9230-11 Datasheet
755Kb / 28P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results

Description similaire - AD9230-11

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9230-11 AD-AD9230-11 Datasheet
755Kb / 28P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
   11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9211 AD-AD9211_07 Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
AD9254 AD-AD9254_15 Datasheet
1Mb / 40P
   14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
   12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com