Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCD-240H128B Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce LCD-240H128B
Description  240 x 128 Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-240H128B Fiches technique(HTML) 1 Page - Vishay Siliconix

  LCD-240H128B Datasheet HTML 1Page - Vishay Siliconix LCD-240H128B Datasheet HTML 2Page - Vishay Siliconix LCD-240H128B Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LCD-240H128B
www.vishay.com
Vishay
Revision: 22-Jun-17
1
Document Number: 37377
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
240 x 128 Graphic LCD
FEATURES
• Type: graphic
• Display format: 240 x 128 dots
• Built-in controller: RA6963
• Duty cycle: 1/128
• Built-in N.V.
• Temperature compensation optional
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
•VSS = 0 V, VDD = 5.0 V
For detailed information, please see the “Product Numbering System” document.
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module dimension
144.0 x 104.0
mm
Viewing area
114.0 x 64.0
Dot size
0.40 x 0.40
Dot pitch
0.45 x 0.45
Mounting hole
138.0 x 99.0
Character size
n/a
ABSOLUTE MAXIMUM RATINGS
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power supply
VDD to VSS
4.75
5.0
5.25
V
Input voltage
VI
-0.3
-
VDD
ELECTRICAL CHARACTERISTICS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input voltage
VDD
L level
0.7 VDD
-VDD
V
VIO
H level
-
-
0.3 VDD
Supply current
IDD
VDD = +5 V
0
55
60
mA
Recommended
LC driving voltage for
normal temperature
version module
VDD to V0
-20 °C
-
-
-
V
0 °C
20.3
21.4
22.5
25 °C
18.0
19.1
20.2
50 °C
17.8
18.9
20.0
70 °C
-
-
-
LED forward voltage
VF
25 °C
-
4.2
-
V
LED forward current
IF
25 °C
-
900
1800
mA
CCFL forward voltage
VF
25 °C
-
250
590
VRMS
CCFL forward current
IF
25 °C
-
-
5.5
mARMS
EL power supply current
IEL
VEL = 110 VAC, 400 Hz
-
-
5.0
mA
OPTIONS
PROCESS COLOR
BACKLIGHT
TN
STN
GRAY
STN
YELLOW
STN
BLUE
FSTN
B&W
STN
COLOR
NONE
LED
EL
CCFL
-
xxxx
-
xxxx


Numéro de pièce similaire - LCD-240H128B

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
LCD-240H128B VISHAY-LCD-240H128B Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2022
LCD-240H128B VISHAY-LCD-240H128B Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
LCD-240H128B VISHAY-LCD-240H128B_V01 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2022
LCD-240H128B VISHAY-LCD-240H128B_V02 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
More results

Description similaire - LCD-240H128B

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
LCD-240H128T VISHAY-LCD-240H128T Datasheet
63Kb / 3P
   240 x 128 Graphic LCD
Revision: 15-Jun-11
LCD-240H128B VISHAY-LCD-240H128B_V01 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2022
LCD-240H128A VISHAY-LCD-240H128A Datasheet
66Kb / 3P
   240 x 128 Graphic LCD
Revision: 23-Jun-17
LCD-240H128E VISHAY-LCD-240H128E Datasheet
130Kb / 3P
   240 x 128 Graphic LCD
Revision: 22-Jun-17
LCD-240H128E VISHAY-LCD-240H128E_V02 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
LCD-240H128A VISHAY-LCD-240H128A_V02 Datasheet
69Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
LCD-240H128B VISHAY-LCD-240H128B_V02 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
LCD-240G128B VISHAY-LCD-240G128B Datasheet
111Kb / 3P
   240 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-240G128D VISHAY-LCD-240G128D Datasheet
110Kb / 3P
   240 x 128 Dots Graphic LCD
Revision 01-Oct-02
logo
LUMEX INC.
LCR-U240128GWF-W LUMEX-LCR-U240128GWF-W_17 Datasheet
188Kb / 2P
   240 X 128 Graphic LCD MODULE
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com