Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC558C Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce BC558C
Description  Amplifier Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC558C Fiches technique(HTML) 5 Page - ON Semiconductor

  BC558C Datasheet HTML 1Page - ON Semiconductor BC558C Datasheet HTML 2Page - ON Semiconductor BC558C Datasheet HTML 3Page - ON Semiconductor BC558C Datasheet HTML 4Page - ON Semiconductor BC558C Datasheet HTML 5Page - ON Semiconductor BC558C Datasheet HTML 6Page - ON Semiconductor BC558C Datasheet HTML 7Page - ON Semiconductor BC558C Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BC556B, BC557, A, B, C, BC558B, C
http://onsemi.com
5
BC556
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 8. “On” Voltage
IC, COLLECTOR CURRENT (mA)
-0.8
-1.0
-0.6
-0.2
-0.4
1.0
2.0
-0.1
-1.0
-10
-200
-0.2
0.2
0.5
-0.2
-1.0
-10
-200
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = -5.0 V
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
-1.0
-1.2
-1.6
-2.0
-0.02
-1.0
-10
0
-20
-0.1
-0.4
-0.8
-0.2
-2.0
-10
-200
-1.0
TJ = 25°C
IC =
-10 mA
VCE = -5.0 V
TA = 25°C
0
-0.5
-2.0
-5.0
-20
-50 -100
-0.05
-0.2
-0.5
-2.0
-5.0
-100 mA
-20 mA
-1.4
-1.8
-2.2
-2.6
-3.0
-0.5
-5.0
-20
-50 -100
-55°C to 125°C
θVB for VBE
-2.0 -5.0
-20 -50 -100
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 12. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mA)
-0.1 -0.2
-1.0
-50
2.0
-2.0
-10
-100
100
200
500
50
20
20
10
6.0
4.0
-1.0
-10
-100
VCE = -5.0 V
-0.5
-5.0
-20
TJ = 25°C
Cob
Cib
8.0
-50 mA
-200 mA


Numéro de pièce similaire - BC558C

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BC558C SIEMENS-BC558C Datasheet
213Kb / 6P
   PNP SILICON TRANSISTORS
logo
Diotec Semiconductor
BC558C DIOTEC-BC558C Datasheet
144Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Weitron Technology
BC558C WEITRON-BC558C Datasheet
2Mb / 5P
   PNP General Purpose Transistor
logo
ON Semiconductor
BC558C ONSEMI-BC558C Datasheet
77Kb / 7P
   Amplifier Transistors PNP Silicon
September, 2005 ??Rev. 2
logo
SeCoS Halbleitertechnol...
BC558C SECOS-BC558C Datasheet
313Kb / 3P
   Elektronische Bauelemente
More results

Description similaire - BC558C

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com