Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7920AKS-500RL7 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD7920AKS-500RL7
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7920AKS-500RL7 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD7920AKS-500RL7 Datasheet HTML 7Page - Analog Devices AD7920AKS-500RL7 Datasheet HTML 8Page - Analog Devices AD7920AKS-500RL7 Datasheet HTML 9Page - Analog Devices AD7920AKS-500RL7 Datasheet HTML 10Page - Analog Devices AD7920AKS-500RL7 Datasheet HTML 11Page - Analog Devices AD7920AKS-500RL7 Datasheet HTML 12Page - Analog Devices AD7920AKS-500RL7 Datasheet HTML 13Page - Analog Devices AD7920AKS-500RL7 Datasheet HTML 14Page - Analog Devices AD7920AKS-500RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. B
AD7910/AD7920
–11–
When the ADC starts a conversion (see Figure 5), SW2 opens
and SW1 moves to position B, causing the comparator to become
unbalanced. The control logic and charge redistribution DAC are
used to add and subtract fixed amounts of charge from the
sampling capacitor to bring the comparator back into a balanced
condition. When the comparator is rebalanced, the conversion
is complete. The control logic generates the ADC output code.
Figure 6 shows the ADC transfer function.
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
COMPARATOR
SW2
SAMPLING
CAPACITOR
CONVERSION
PHASE
SW1
A
B
AGND
VDD/2
VIN
Figure 5. ADC Conversion Phase
ADC Transfer Function
The output coding of the AD7910/AD7920 is straight binary.
The designed code transitions occur at the successive integer
LSB values, i.e., 1 LSB, 2 LSBs, and so on. The LSB size is
VDD/4096 for the AD7920 and VDD/1024 for the AD7910. The
ideal transfer characteristic for the AD7910/AD7920 is shown
in Figure 6.
000...000
0V
ANALOG INPUT
111...111
000...001
000...010
111...110
111...000
011...111
1LSB
+VDD –1LSB
1LSB = VDD/1024 (AD7910)
1LSB = VDD/4096 (AD7920)
Figure 6. Transfer Characteristic
Typical Connection Diagram
Figure 7 shows a typical connection diagram for the AD7910/
AD7920. VREF is taken internally from VDD and, as such, VDD
should be well decoupled. This provides an analog input range of
0 V to VDD. The conversion result is output in a 16-bit word with
four leading zeros followed by the MSB of the 12-bit or 10-bit
result. The 10-bit result from the AD7910 will be followed by two
trailing zeros.
Alternatively, because the supply current required by the AD7910/
AD7920 is so low, a precision reference can be used as the
supply source to the AD7910/AD7920. An REF19x voltage
reference (REF195 for 5 V or REF193 for 3 V) can be used to
supply the required voltage to the ADC (see Figure 7). This con-
figuration is especially useful if the power supply is quite noisy
or if the system supply voltages are at a value other than 5 V or
3V (e.g., 15 V). The REF19x will output a steady voltage to the
AD7910/AD7920. If the low dropout REF193 is used, the current
it needs to supply to the AD7910/AD7920 is typically 1.2 mA.
When the ADC is converting at a rate of 250 kSPS the REF193
needs to supply a maximum of 1.4 mA to the AD7910/AD7920.
The load regulation of the REF193 is typically 10 ppm/mA
(REF193, VS = 5 V), which results in an error of 14 ppm (42
mV)
for the 1.4 mA drawn from it. This corresponds to a 0.057 LSB
error for the AD7920 with VDD = 3 V from the REF193 and a
0.014 LSB error for the AD7910. For applications where power
consumption is of concern, the power-down mode of the ADC
and the sleep mode of the REF19x reference should be used to
improve power performance. See the Modes of Operation section.
AD7910/
AD7920/
SCLK
SDATA
CS
VIN
GND
0V TO VDD
INPUT
VDD
C/ P
SERIAL
INTERFACE
0.1 F
1 F
TANT
REF193
1.2mA
680nF
10 F
0.1 F
3V
5V
SUPPLY
Figure 7. REF193 as Power Supply
Table I provides typical performance data with various references
used as a VDD source for a 100 kHz input tone at room temper-
ature under the same setup conditions.
Table I. AD7920 Typical Performance
for Various Voltage References IC
Reference
AD7920 SNR
Tied to VDD
Performance (dB)
AD780 @ 3 V
72.65
REF193
72.35
AD780 @ 2.5 V
72.5
REF192
72.2
REF43
72.6


Numéro de pièce similaire - AD7920AKS-500RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7920AKS-500RL7 AD-AD7920AKS-500RL7 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
More results

Description similaire - AD7920AKS-500RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7476A AD-AD7476A Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com