Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SKL36BG Fiches technique(PDF) 2 Page - Chip Integration Technology Corporation

No de pièce SKL36BG
Description  3A Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CITC [Chip Integration Technology Corporation]
Site Internet  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SKL36BG Fiches technique(HTML) 2 Page - Chip Integration Technology Corporation

  SKL36BG Datasheet HTML 1Page - Chip Integration Technology Corporation SKL36BG Datasheet HTML 2Page - Chip Integration Technology Corporation SKL36BG Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
3A Surface Mount Schottky Barrier Rectifiers
0.1
1.0
.01
10
50
FIG.4-TYPICAL JUNCTION CAPACITANCE
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
700
600
500
400
300
200
100
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100
120
140
.01
O
T =125 C
J
O
T =25 C
J
O
T =25 C
J
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
60
30
0
90
150
120
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
O
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
0.5
1.0
1.5
2.0
2.5
3.0
AMBIENT TEMPERATURE,( C)
0
0
20
40
60
80
100
120
140
160
180
200
SKL32B THRU SKL320B
Document ID : DS-12K16
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C1


Numéro de pièce similaire - SKL36BG

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
SKL36 DIOTEC-SKL36 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SKL36 DIOTEC-SKL36 Datasheet
184Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SKL36 DIOTEC-SKL36 Datasheet
154Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SKL36 DIOTEC-SKL36 Datasheet
135Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SKL36-Q DIOTEC-SKL36-Q Datasheet
135Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results

Description similaire - SKL36BG

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
SK5820-LFR FRONTIER-SK5820-LFR Datasheet
119Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32 FRONTIER-SS32 Datasheet
124Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK32A CITC-SK32A Datasheet
153Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK32A FRONTIER-SK32A Datasheet
125Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK32C CITC-SK32C Datasheet
153Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
SKL32C CITC-SKL32C Datasheet
103Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
SKL34ASG CITC-SKL34ASG Datasheet
463Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK32-LFR FRONTIER-SK32-LFR Datasheet
125Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32B FRONTIER-SS32B Datasheet
124Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32A-LFR FRONTIER-SS32A-LFR Datasheet
126Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SKL32CG CITC-SKL32CG Datasheet
92Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com