Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1265-1.8VOATR Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce TC1265-1.8VOATR
Description  800 mA Fixed-Output CMOS LDO with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1265-1.8VOATR Fiches technique(HTML) 5 Page - Microchip Technology

  TC1265-1.8VOATR Datasheet HTML 1Page - Microchip Technology TC1265-1.8VOATR Datasheet HTML 2Page - Microchip Technology TC1265-1.8VOATR Datasheet HTML 3Page - Microchip Technology TC1265-1.8VOATR Datasheet HTML 4Page - Microchip Technology TC1265-1.8VOATR Datasheet HTML 5Page - Microchip Technology TC1265-1.8VOATR Datasheet HTML 6Page - Microchip Technology TC1265-1.8VOATR Datasheet HTML 7Page - Microchip Technology TC1265-1.8VOATR Datasheet HTML 8Page - Microchip Technology TC1265-1.8VOATR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2004 Microchip Technology Inc.
DS21376C-page 5
TC1265
2.0
TYPICAL PERFORMANCE CURVES (CONT)
FIGURE 2-1:
ISHDN vs. Temperature.
0.090
0.080
0.070
0.060
0.050
0.040
0.030
0.020
0.010
0.000
TEMPERATURE (°C)
-40°C
0°C
25°C
70°C
85°C 125°C


Numéro de pièce similaire - TC1265-1.8VOATR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1265-1.8VOATR MICROCHIP-TC1265-1.8VOATR Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
More results

Description similaire - TC1265-1.8VOATR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
   500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com