Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD1J Fiches technique(PDF) 5 Page - Dongguan City Niuhang Electronics Co.LTD

No de pièce SD1J
Description  SNUBBER DAMPING RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Site Internet  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SD1J Fiches technique(HTML) 5 Page - Dongguan City Niuhang Electronics Co.LTD

  SD1J Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SD1J Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SD1J Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD SD1J Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD SD1J Datasheet HTML 5Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
http://www.dgniuhang.com
Page: 5 of 5
Date:2014/10/20
Rev.:AA
Disclaimer
Reproducing and modifying informatiom of the document is prohibited without permission
from niuhang Electronics co., LTD
Niuhang Electronics co., LTD. reserves the rights to make changes of the content herein
the document anytime without notification.
use of any product including damages incidentally and consequentially occurred.
Niuhang Electronics co., LTD. disclaims any and all liability arising out of the application or
Niuhang Electronics co., LTD. does not assume any and all implied warranties,
including warranties of fitness for particular purpose,non-infringement and merchantability.
Applications shown on the herein document are examples of standard use and operation.
Customers are responsible in comprehending the suitable use in particular applications.
Niuhang Electronics co., LTD.makes no representation or warranty that such applications will
be suitable for the specified use without further testing or modification.
The products shown herein are not designed and authorized for equipments requiring high
level of reliability or relating to human life and for any applications concerning life-saving or
life-sustaining,such as medical instruments.transportation equipment,aerospae machinery
et cetera.Customers usin or selling these products for use in such applications do so at their
own rish and agree to fully indemnify Niuhang Electronics co., LTD.for any damages resulting
resulting from such improper use or sale.
When the appearance of the product and chip size does not change, in order to product
the customer.
quality, change the internal structure and the production process Niuhang can not notify
SD1J
SNUBBER DAMPING RECTIFIERS


Numéro de pièce similaire - SD1J

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
SD1-D COOPER-SD1-D Datasheet
421Kb / 8P
   NH bases
logo
Eaton All Rights Reserv...
SD1-D-PV EATON-SD1-D-PV Datasheet
71Kb / 1P
   Eaton Bussmann series NH PV fuse block
logo
Sirectifier Semiconduct...
SD10 SIRECTIFIER-SD10 Datasheet
225Kb / 2P
   Discrete Diodes
logo
M-System Co.,Ltd.
SD10 MSYSTEM-SD10 Datasheet
201Kb / 9P
   Single Loop Controller Series BARGRAPH INDICATING ALARM
logo
DAESAN ELECTRONIC CORP.
SD10 DAESAN-SD10 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - SD1J

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
QJM3 CYSTEKEC-QJM3 Datasheet
232Kb / 6P
   1A Snubber Damping Rectifier
QJAF CYSTEKEC-QJAF Datasheet
404Kb / 7P
   1A Snubber Damping Rectifier
QJ-2L CYSTEKEC-QJ-2L Datasheet
245Kb / 6P
   1A Snubber Damping Rectifier
QJCTM3 CYSTEKEC-QJCTM3 Datasheet
232Kb / 6P
   1A Snubber Damping Rectifier
QJL3 CYSTEKEC-QJL3 Datasheet
239Kb / 6P
   1A Snubber Damping Rectifier
QJP-65 CYSTEKEC-QJP-65 Datasheet
389Kb / 6P
   1A Snubber Damping Rectifier
QJP-62 CYSTEKEC-QJP-62 Datasheet
389Kb / 6P
   1A Snubber Damping Rectifier
QJP CYSTEKEC-QJP Datasheet
388Kb / 6P
   1A Snubber Damping Rectifier
QJP-2L CYSTEKEC-QJP-2L Datasheet
409Kb / 6P
   1A Snubber Damping Rectifier
QJCTL3 CYSTEKEC-QJCTL3 Datasheet
239Kb / 6P
   1A Snubber Damping Rectifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com