Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHC1G125DBVT Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AHC1G125DBVT
Description  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1G125DBVT Fiches technique(HTML) 8 Page - Texas Instruments

  SN74AHC1G125DBVT Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 1 page
background image
MECHANICAL DATA
MPDS025C – FEBRUARY 1997 – REVISED FEBRUARY 2002
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DCK (R-PDSO-G5)
PLASTIC SMALL-OUTLINE PACKAGE
0,10
M
0,10
0,65
0
°–8°
0,46
0,26
0,13 NOM
4093553-2/D 01/02
0,15
0,30
1,40
1,10
2,40
1,80
4
5
2,15
1,85
1
3
1,10
0,80
0,10
0,00
Seating Plane
0,15
Gage Plane
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Falls within JEDEC MO-203


Numéro de pièce similaire - SN74AHC1G125DBVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC1G125DBVT TI-SN74AHC1G125DBVT Datasheet
453Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125DBVT TI-SN74AHC1G125DBVT Datasheet
484Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125DBVT TI-SN74AHC1G125DBVT Datasheet
488Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125DBVT TI-SN74AHC1G125DBVT Datasheet
587Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125DBVT TI1-SN74AHC1G125DBVT Datasheet
1Mb / 27P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
More results

Description similaire - SN74AHC1G125DBVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com