Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7989-1BCPZ-RL7 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD7989-1BCPZ-RL7
Description  PulSAR ADCs in MSOP/LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7989-1BCPZ-RL7 Fiches technique(HTML) 3 Page - Analog Devices

  AD7989-1BCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD7989-1/AD7989-5
Rev. B | Page 3 of 24
SPECIFICATIONS
VDD = 2.5 V, VIO = 1.71 V to 5.5 V, VREF = 5 V, TA = −40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
18
Bits
ANALOG INPUT
Voltage Range
IN+ − IN−
−VREF
+VREF
V
Absolute Input Voltage
IN+ and IN−
−0.1
VREF + 0.1
V
Common-Mode Input Range
IN+ and IN−
VREF × 0.475
VREF × 0.5
VREF × 0.525
V
Analog Input Common Mode Rejection
Ratio (CMRR)
fIN = 450 kHz
67
dB
Leakage Current at 25°C
Acquisition phase
200
nA
Input Impedance
See the Analog Inputs section
ACCURACY
No Missing Codes
18
Bits
Differential Nonlinearity Error (DNL)
−0.85
±0.5
+1.5
LSB
Integral Nonlinearity Error (INL)
−2
±1
+2
LSB
Transition Noise
VREF = 5 V
1.05
LSB1
Gain Error, TMIN to TMAX2
−0.023
+0.004
+0.023
% of FS
Gain Error Temperature Drift
±1
ppm/°C
Zero Error, TMIN to TMAX2
±100
+700
μV
Zero Temperature Drift
0.5
ppm/°C
Power Supply Rejection Ratio (PSRR)
VDD = 2.5 V ± 5%
90
dB
THROUGHPUT
AD7989-1 Conversion Rate
0
100
kSPS
AD7989-5 Conversion Rate
0
500
kSPS
Transient Response
Full-scale step
400
ns
AC ACCURACY
Dynamic Range
VREF = 5 V
97
99
dB3
VREF = 2.5 V
93
dB3
Oversampled Dynamic Range4
fO = 1 kSPS
126
dB3
Signal-to-Noise Ratio (SNR)
fIN = 1 kHz, VREF = 5 V
95.5
98
dB3
fIN = 1 kHz, VREF = 2.5 V
92.5
dB3
Spurious-Free Dynamic Range (SFDR)
fIN = 10 kHz
−115
dB3
Total Harmonic Distortion5 (THD)
fIN = 10 kHz
−120
dB3
Signal-to-Noise-and-Distortion Ratio (SINAD)
fIN = 1 kHz, VREF = 5 V
97
dB3
1 LSB means least significant bit. With the ±5 V input range, 1 LSB is 38.15 μV.
2 See the Terminology section. These specifications include full temperature range variation but not the error contribution from the external reference.
3 All specifications expressed in decibels are referred to a full-scale input range (FSR) and tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
4 Dynamic range is obtained by oversampling the ADC running at a throughput, fS, of 500 kSPS followed by postdigital filtering with an output word rate of fO.
5 Tested fully in production at fIN = 1 kHz.


Numéro de pièce similaire - AD7989-1BCPZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD7989-1BCPZ-RL7 ETC2-AD7989-1BCPZ-RL7 Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-1BCPZ-RL7 AD-AD7989-1BCPZ-RL7 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
More results

Description similaire - AD7989-1BCPZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7988-1 AD-AD7988-1_17 Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
AD7988-1_1208 AD-AD7988-1_1208 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com