Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7989-5 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7989-5
Description  PulSAR ADCs in MSOP/LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7989-5 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7989-5 Datasheet HTML 6Page - Analog Devices AD7989-5 Datasheet HTML 7Page - Analog Devices AD7989-5 Datasheet HTML 8Page - Analog Devices AD7989-5 Datasheet HTML 9Page - Analog Devices AD7989-5 Datasheet HTML 10Page - Analog Devices AD7989-5 Datasheet HTML 11Page - Analog Devices AD7989-5 Datasheet HTML 12Page - Analog Devices AD7989-5 Datasheet HTML 13Page - Analog Devices AD7989-5 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7989-1/AD7989-5
Data Sheet
Rev. B | Page 10 of 24
Figure 12. SNR vs. Input Level
Figure 13. SNR, SINAD, and ENOB vs. Reference Voltage
Figure 14. SNR vs. Temperature
Figure 15. SINAD vs. Frequency
Figure 16. THD and SFDR vs. Reference Voltage
Figure 17. THD vs. Temperature
100
99
98
97
96
95
94
93
92
91
90
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
INPUT LEVEL (dB)
100
95
90
85
80
2.25
2.75
3.25
3.75
4.25
4.75
5.25
REFERENCE VOLTAGE (V)
18
17
16
15
14
ENOB
SNR, SINAD
100
98
96
94
92
90
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
100
95
90
85
80
0.1
1
10
100
1k
FREQUENCY (kHz)
–100
–105
–110
–115
–120
–125
–130
2.25
2.75
3.25
3.75
4.25
4.75
5.25
REFERENCE VOLTAGE (V)
130
125
120
115
110
105
100
THD
SFDR
–115
–117
–119
–121
–123
–125
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)


Numéro de pièce similaire - AD7989-5

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD7989-5BCPZ-R2 ETC2-AD7989-5BCPZ-R2 Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-5BCPZ-R2 AD-AD7989-5BCPZ-R2 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
List of Unclassifed Man...
AD7989-5BCPZ-RL7 ETC2-AD7989-5BCPZ-RL7 Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-5BCPZ-RL7 AD-AD7989-5BCPZ-RL7 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
List of Unclassifed Man...
AD7989-5BRMZ ETC2-AD7989-5BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
More results

Description similaire - AD7989-5

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7988-1 AD-AD7988-1_17 Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
AD7988-1_1208 AD-AD7988-1_1208 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com