Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9208BBPZRL-3000 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD9208BBPZRL-3000
Description  14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9208BBPZRL-3000 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD9208BBPZRL-3000 Datasheet HTML 4Page - Analog Devices AD9208BBPZRL-3000 Datasheet HTML 5Page - Analog Devices AD9208BBPZRL-3000 Datasheet HTML 6Page - Analog Devices AD9208BBPZRL-3000 Datasheet HTML 7Page - Analog Devices AD9208BBPZRL-3000 Datasheet HTML 8Page - Analog Devices AD9208BBPZRL-3000 Datasheet HTML 9Page - Analog Devices AD9208BBPZRL-3000 Datasheet HTML 10Page - Analog Devices AD9208BBPZRL-3000 Datasheet HTML 11Page - Analog Devices AD9208BBPZRL-3000 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 137 page
background image
Data Sheet
AD9208
Rev. 0 | Page 7 of 136
AIN = −2 dBFS
AIN = −9 dBFS
Parameter2
Min
Typ
Max
Min
Typ
Max
Unit
WORST OTHER, EXCLUDING SECOND OR THIRD HARMONIC
fIN = 255 MHz
−89
−90
dBFS
fIN = 255 MHz (2.04 V p-p Setting)
−90
−90
dBFS
fIN = 765 MHz
−90
−89
dBFS
fIN = 900 MHz
−89
−90
dBFS
fIN = 1800 MHz
−81
−94
dBFS
fIN = 2100 MHz
−80
−98
dBFS
fIN = 2600 MHz
−75
−84
−90
dBFS
fIN = 3950 MHz
−80
−90
dBFS
TWO-TONE, THIRD-ORDER INTERMODULATION DISTORTION (IMD3)
fIN1 = 1.842 GHz, fIN2 = 1.847 GHz, AIN1 and AIN2 = −8.0 dBFS
−73
dBFS
fIN1 = 1.842 GHz, fIN2 = 1.847 GHz, AIN1 and AIN2 = −15.0 dBFS
−87
dBFS
fIN1 = 2.62 GHz, fIN2 = 2.69 GHz, AIN1 and AIN2 = −8.0 dBFS
−69
dBFS
fIN1 = 2.62 GHz, fIN2 = 2.69 GHz, AIN1 and AIN2 = −15.0 dBFS
−88
dBFS
fIN1 = 2.62 GHz, fIN2 = 2.69 GHz, AIN1 and AIN2 = −8.0 dBFS; Full-Scale Voltage
(VFS) = 1.13 V p-p
−75
dBFS
fIN1 = 2.62 GHz, fIN2 = 2.69 GHz, AIN1 and AIN2 = −15.0 dBFS; VFS = 1.13 V p-p
−111
dBFS
CROSSTALK4
>90
>90
dB
Overrange Condition5
>90
>90
dB
ANALOG INPUT BANDWIDTH, FULL POWER6
5
5
GHz
1 The junction temperature (TJ) range of −10°C to +120°C translates to an ambient temperature (TA) range of −40°C to+ 85°C.
2 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
3 Noise density is measured at a low analog input frequency (30 MHz).
4 Crosstalk is measured at 950 MHz with a −1.0 dBFS analog input on one channel, and no input on the adjacent channel.
5 The overrange condition is specified with 3 dB of the full-scale input range.
6 Full power bandwidth is the bandwidth of operation in which proper ADC performance can be achieved.
DIGITAL SPECIFICATIONS
AVDD1 = 0.975 V, AVDD1_SR = 0.975 V, AVDD2 = 1.9 V, AVDD3 = 2.5 V, DVDD = 0.975 V, DRVDD1 = 0.975 V, DRVDD2 = 1.9 V,
SPIVDD = 1.9 V, specified maximum sampling rate, 1.7 V p-p full-scale differential input, AIN = −2.0 dBFS, L = 8, M = 2, F = 1, −10°C ≤
TJ ≤ +120°C,1 unless otherwise noted. Typical specifications represent performance at TJ = 70°C (TA = 25°C).
Table 3.
Parameter
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
LVDS/LVPECL
Differential Input Voltage
300
800
1800
mV p-p
Input Common-Mode Voltage
0.675
V
Input Resistance (Differential)
106
Ω
Input Capacitance
0.9
pF
Differential Input Return Loss at 3 GHz2
−9.4
dB
SYSTEM REFERENCE (SYSREF) INPUTS (SYSREF+, SYSREF−)
Logic Compliance
LVDS/LVPECL
Differential Input Voltage
400
800
1800
mV p-p
Input Common-Mode Voltage
0.675
2.0
V
Input Resistance (Differential)
18
Input Capacitance (Differential)
1
pF
LOGIC INPUTS (SDIO, SCLK, CSB, PDWN/STBY, FD_A/GPIO_A0,
FD_B/GPIO_B0, GPIO_A1, GPIO_B1)
Logic Compliance
CMOS
Logic 1 Voltage
0.65 × SPIVDD
V
Logic 0 Voltage
0
0.35 × SPIVDD
V
Input Resistance
30


Numéro de pièce similaire - AD9208BBPZRL-3000

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
2Mb / 32P
   300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
More results

Description similaire - AD9208BBPZRL-3000

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9699 AD-AD9699 Datasheet
7Mb / 121P
   14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
AD9690 AD-AD9690 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
AD9207 AD-AD9207 Datasheet
252Kb / 5P
   12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
AD9213 AD-AD9213 Datasheet
2Mb / 110P
   12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. A
AD9213S-CSH AD-AD9213S-CSH Datasheet
2Mb / 23P
   12-Bit, 10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. 0
AD9234 AD-AD9234 Datasheet
1Mb / 66P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com