Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7761 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7761 Fiches technique(HTML) 3 Page - Analog Devices

  AD7761_17 Datasheet HTML 1Page - Analog Devices AD7761_17 Datasheet HTML 2Page - Analog Devices AD7761_17 Datasheet HTML 3Page - Analog Devices AD7761_17 Datasheet HTML 4Page - Analog Devices AD7761_17 Datasheet HTML 5Page - Analog Devices AD7761_17 Datasheet HTML 6Page - Analog Devices AD7761_17 Datasheet HTML 7Page - Analog Devices AD7761_17 Datasheet HTML 8Page - Analog Devices AD7761_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 2 of 75
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 3
General Description......................................................................... 4
Specifications..................................................................................... 5
Timing Specifications ................................................................ 10
1.8 V IOVDD Timing Specifications....................................... 11
Absolute Maximum Ratings.......................................................... 15
Thermal Resistance .................................................................... 15
ESD Caution................................................................................ 15
Pin Configuration and Function Descriptions........................... 16
Typical Performance Characteristics ........................................... 20
Terminology .................................................................................... 26
Theory of Operation ...................................................................... 27
Clocking, Sampling Tree, and Power Scaling............................. 27
Noise Performance and Resolution.......................................... 28
Applications Information .............................................................. 30
Power Supplies ............................................................................ 31
Device Configuration ................................................................ 32
Pin Control Mode....................................................................... 32
SPI Control.................................................................................. 35
SPI Control Functionality ......................................................... 36
SPI Control Mode Extra Diagnostic Features ........................ 38
Circuit Information........................................................................ 39
Core Signal Chain....................................................................... 39
Analog Inputs.............................................................................. 40
VCM............................................................................................. 41
Reference Input........................................................................... 42
Clock Selection ........................................................................... 42
Digital Filtering........................................................................... 42
Decimation Rate Control .......................................................... 46
Antialiasing ................................................................................. 46
Calibration................................................................................... 48
Data Interface.................................................................................. 49
Setting the Format of Data Output .......................................... 49
ADC Conversion Output: Header and Data .......................... 50
Functionality ................................................................................... 59
GPIO Functionality.................................................................... 59
Register Map Details (SPI Control) ............................................. 60
Register Map ............................................................................... 60
Channel Standby Register ......................................................... 62
Channel Mode A Register......................................................... 63
Channel Mode B Register ......................................................... 63
Channel Mode Select Register.................................................. 64
Power Mode Select Register...................................................... 64
General Device Configuration Register.................................. 65
Data Control: Soft Reset, Sync, and Single-Shot Control
Register ........................................................................................ 66
Interface Configuration Register.............................................. 66
Digital Filter RAM Built in Self Test (BIST) Register............ 67
Status Register............................................................................. 67
Revision Identification Register ............................................... 68
GPIO Control Register .............................................................. 68
GPIO Write Data Register......................................................... 69
GPIO Read Data Register.......................................................... 69
Analog Input Precharge Buffer Enable Register Channel 0 to
Channel 3 .................................................................................... 69
Analog Input Precharge Buffer Enable Register Channel 4 to
Channel 7 .................................................................................... 70
Positive Reference Precharge Buffer Enable Register............ 70
Negative Reference Precharge Buffer Enable Register .......... 71
Offset Registers........................................................................... 71
Gain Registers............................................................................. 72
Sync Phase Offset Registers ...................................................... 72
ADC Diagnostic Receive Select Register ................................ 72
ADC Diagnostic Control Register ........................................... 73
Modulator Delay Control Register........................................... 74
Chopping Control Register....................................................... 74
Outline Dimensions....................................................................... 75
Ordering Guide .......................................................................... 75


Numéro de pièce similaire - AD7761_17

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7761BSTZ AD-AD7761BSTZ Datasheet
1Mb / 69P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
AD7761BSTZ-RL7 AD-AD7761BSTZ-RL7 Datasheet
1Mb / 69P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
More results

Description similaire - AD7761_17

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7761 AD-AD7761 Datasheet
1Mb / 69P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
AD7768 AD-AD7768 Datasheet
2Mb / 99P
   8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
AD7779 AD-AD7779 Datasheet
1Mb / 97P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770 Datasheet
1Mb / 94P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7779 AD-AD7779_16 Datasheet
1Mb / 101P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com