Moteur de recherche de fiches techniques de composants électroniques |
|
SS11V-07120-CH Fiches technique(PDF) 1 Page - Kemet Corporation |
|
SS11V-07120-CH Fiches technique(HTML) 1 Page - Kemet Corporation |
1 / 6 page 1 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com LF0023_SS11V/H-CH • 6/16/2014 One world. One KEMET Benefits • Widevarietyofsizesandspecifications • Inductances up to 82 mH • Rated Currents up to 3 A • DCResistancesaslowas0.063Ω Overview TheKEMETSSCoils,SS11V/H-CHTypeAClinefiltersare offeredinawidevarietyofsizesandspecifications. Applications • Consumer Electronics • Common mode choke AC Line Filters SS Coils, SS11V/H-CH Type AC Line Filters 35 Common mode SS11V/H-03550-CH 4.1 SS11V/H-04350-CH 2.6 0.3 0.4 55 35 10.5 10.7 45 45 SS11V/H-05230-CH 1.8 0.5 23 10.5 45 SS11V/H-06180-CH 1.3 0.6 18 11.1 45 03 lot No. 04 lot No. 05 lot No. 06 lot No. SS11V/H-07120-CH 0.90 0.7 12 10.8 45 07 lot No. SS11V/H-08083-CH 0.74 0.8 8.3 9.8 45 08 lot No. SS11V/H-10062-CH 0.44 1.0 6.2 11.1 45 10 lot No. SS11V/H-11050-CH 0.40 1.1 5 10.7 45 11 lot No. SS11V/H-13035-CH 0.28 1.3 3.5 10.5 45 13 lot No. SS11V/H-17024-CH 0.19 1.7 2.4 10.8 45 17 lot No. SS11V/H-22013-CH 0.12 2.2 1.3 10.4 45 22 lot No. SS11V/H-30006-CH 0.063 3.0 0.6 9.6 45 30 lot No. SS11V/H-R03820-CH 4.1 0.3 82 10.5 45 R03 lot No. SS11V/H-R04520-CH 2.6 0.4 52 10.7 45 R04 lot No. SS11V/H-R05350-CH 1.8 0.5 35 10.5 45 R05 lot No. SS11V/H-R06270-CH 1.3 0.6 27 11.1 45 R06 lot No. SS11V/H-R07190-CH 0.90 0.7 19 10.8 45 R07 lot No. SS11V/H-R08125-CH 0.74 0.8 12.5 9.8 45 R08 lot No. SS11V/H-R10093-CH 0.44 1.0 9.3 11.1 45 R10 lot No. SS11V/H-R11076-CH 0.40 1.1 7.6 10.7 45 R11 lot No. SS11V/H-R13052-CH 0.28 1.3 5.2 10.5 45 R13 lot No. SS11V/H-R17036-CH 0.19 1.7 3.6 10.8 45 R17 lot No. SS11V/H-R22020-CH 0.12 2.2 2 10.4 45 R22 lot No. SS11V/H-R30009-CH 0.063 3.0 0.9 9.6 45 R30 lot No. • Rated voltage: 250VAC • Withstanding voltage: AC 2400V (2 sec between lines) • Insulation resistance: at 500VDC, more than 100M (between lines) • Thermal class: E (120˚C) • Operating temperature range (˚C): –25 to T (T=120–temperature rise) • Inductance measurement condition:1kHz, 1V, KC530 bSS11V-CH bSS11H-CH 13±0.5 10±0.5 14.5±1.0 Marking 13±0.5 22±1.0 ø0.8 Marking 18±0.5 21±1.0 14±0.5 20.5±1.0 18.0±0.5 ø0.8 Shape and Dimensions [mm] Model DC resistance ( /line) max. Temperature rise(K) max. Marking Inductance (mH) min. Weight approx. (g) Rated current AC(A) Numbering System Series Core size Type (V : vertical H : horizontal) Core Type Rated current (03 stands for 0.3A) Inductance (550 stands for 55.0mH) Product type SS 11V/H - 03 550 - CH � � � � � � � SS Coils SS11V/H-CH Type [RoHS Compliant] SS Coils SS11V/H-CH Type [RoHS Compliant] Part Number System SS 11 V- R 03 550- CH Series Core Size (mm) Core Orientation Core Type Rated Current (A) Minimum Inductance (mH) Product Type SS 11 = 11.0 V- = Vertical H- = Horizontal Blank = Standard R = High permeability 0x = 0.x A (e.g., 03 = 0.3 A) xx = x.x A (e.g., 13 = 1.3 A) xx0- = xx mH (e.g., 550 = 55 mH) 0xx- = x.x mH (e.g., 024 = 2.4 mH) CH |
Numéro de pièce similaire - SS11V-07120-CH |
|
Description similaire - SS11V-07120-CH |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |