Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS8342Q10BD-300 Fiches technique(PDF) 6 Page - GSI Technology

No de pièce GS8342Q10BD-300
Description  36Mb SigmaQuad-IITM Burst of 2 SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342Q10BD-300 Fiches technique(HTML) 6 Page - GSI Technology

Back Button GS8342Q10BD-300 Datasheet HTML 2Page - GSI Technology GS8342Q10BD-300 Datasheet HTML 3Page - GSI Technology GS8342Q10BD-300 Datasheet HTML 4Page - GSI Technology GS8342Q10BD-300 Datasheet HTML 5Page - GSI Technology GS8342Q10BD-300 Datasheet HTML 6Page - GSI Technology GS8342Q10BD-300 Datasheet HTML 7Page - GSI Technology GS8342Q10BD-300 Datasheet HTML 8Page - GSI Technology GS8342Q10BD-300 Datasheet HTML 9Page - GSI Technology GS8342Q10BD-300 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Pin Description Table
Symbol
Description
Type
Comments
SA
Synchronous Address Inputs
Input
R
Synchronous Read
Input
Active Low
W
Synchronous Write
Input
Active Low
BW0–BW3
Synchronous Byte Writes
Input
Active Low
NW0–NW1
Synchronous Nybble Writes
Input
Active Low
(x8 only)
K
Input Clock
Input
Active High
K
Input Clock
Input
Active Low
TMS
Test Mode Select
Input
TDI
Test Data Input
Input
TCK
Test Clock Input
Input
TDO
Test Data Output
Output
VREF
HSTL Input Reference Voltage
Input
ZQ
Output Impedance Matching Input
Input
Qn
Synchronous Data Outputs
Output
Dn
Synchronous Data Inputs
Input
Doff
Disable DLL when low
Input
Active Low
CQ
Output Echo Clock
Output
CQ
Output Echo Clock
Output
VDD
Power Supply
Supply
1.8 V Nominal
VDDQ
Isolated Output Buffer Supply
Supply
1.8 V or 1.5 V Nominal
VSS
Power Supply: Ground
Supply
QVLD
Q Valid Output
Output
ODT
On-Die Termination
Input
Active High
NC
No Connect
GS8342Q07/10/19/37BD-357/333/300/250/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02a 8/2017
6/28
© 2011, GSI Technology
Notes:
1. NC = Not Connected to die or any other pin
2. When ZQ pin is directly connected to VDDQ, output impedance is set to minimum value and it cannot be connected to ground or left
unconnected.
3. K, K cannot be set to VREF voltage.


Numéro de pièce similaire - GS8342Q10BD-300

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8342Q10BD-300I GSI-GS8342Q10BD-300I Datasheet
502Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
More results

Description similaire - GS8342Q10BD-300

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8342Q07 GSI-GS8342Q07 Datasheet
407Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342QT19BGD-300I GSI-GS8342QT19BGD-300I Datasheet
503Kb / 29P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
8342QT07101937B GSI-8342QT07101937B Datasheet
503Kb / 29P
   36Mb SigmaQuad-II TM Burst of 2 SRAM
GS8342QT07BD-250I GSI-GS8342QT07BD-250I Datasheet
503Kb / 29P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342Q07BGD-250I GSI-GS8342Q07BGD-250I Datasheet
502Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342Q10BGD-333I GSI-GS8342Q10BGD-333I Datasheet
502Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342Q07BD-200I GSI-GS8342Q07BD-200I Datasheet
502Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342Q19BGD-333I GSI-GS8342Q19BGD-333I Datasheet
502Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342QT37BGD-333I GSI-GS8342QT37BGD-333I Datasheet
503Kb / 29P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342DT38BGD-350 GSI-GS8342DT38BGD-350 Datasheet
524Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342QT10BD-333 GSI-GS8342QT10BD-333 Datasheet
503Kb / 29P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com