Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS7025-CQM Fiches technique(PDF) 6 Page - Gennum Corporation

No de pièce GS7025-CQM
Description  Serial Digital Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025-CQM Fiches technique(HTML) 6 Page - Gennum Corporation

Back Button GS7025-CQM Datasheet HTML 2Page - Gennum Corporation GS7025-CQM Datasheet HTML 3Page - Gennum Corporation GS7025-CQM Datasheet HTML 4Page - Gennum Corporation GS7025-CQM Datasheet HTML 5Page - Gennum Corporation GS7025-CQM Datasheet HTML 6Page - Gennum Corporation GS7025-CQM Datasheet HTML 7Page - Gennum Corporation GS7025-CQM Datasheet HTML 8Page - Gennum Corporation GS7025-CQM Datasheet HTML 9Page - Gennum Corporation GS7025-CQM Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
GENNUM CORPORATION
522 - 80 - 00
6
36
CLK_EN
I
Clock enable. When HIGH, the serial clock outputs are enabled.
38
COSC
I
Timing control capacitor for internal system clock.
39
LOCK
O
Lock indication. When HIGH, the GS7025 is locked. LOCK is an open collector output
and requires an external 10k
Ω pullup resistor.
40
SSI/CD
O
Signal strength indicator/Carrier detect.
41
A/D
I
Analog/Digital select.
42
MOD
I
270 Mb/s modulus select - Always set high.
43
OEM_TEST
O
Output ‘Eye’ monitor test. Single-ended current mode output that requires an external
50
Ω pullup resistor. This feature is recommended for debugging purposes only. If
enabled during normal operation, the maximum operating temperature is rated to
60°C.
PIN DESCRIPTIONS (continued)
NUMBER
SYMBOL
TYPE
DESCRIPTION


Numéro de pièce similaire - GS7025-CQM

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS7025-CQME3 GENNUM-GS7025-CQME3 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
More results

Description similaire - GS7025-CQM

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com