Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPSM82480 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPSM82480
Description  5.5-V Input, 6-A, Step-Down Converter with Integrated Inductor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82480 Fiches technique(HTML) 4 Page - Texas Instruments

  TPSM82480 Datasheet HTML 1Page - Texas Instruments TPSM82480 Datasheet HTML 2Page - Texas Instruments TPSM82480 Datasheet HTML 3Page - Texas Instruments TPSM82480 Datasheet HTML 4Page - Texas Instruments TPSM82480 Datasheet HTML 5Page - Texas Instruments TPSM82480 Datasheet HTML 6Page - Texas Instruments TPSM82480 Datasheet HTML 7Page - Texas Instruments TPSM82480 Datasheet HTML 8Page - Texas Instruments TPSM82480 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
TPSM82480
SLVSDT1 – JULY 2017
www.ti.com
Product Folder Links: TPSM82480
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
All voltages are with respect to network ground terminal.
6 Specifications
6.1 Absolute Maximum Ratings
MIN
MAX
UNIT
Pin Voltage Range(1)
VIN
-0.3
6
V
EN, VSEL, MODE, SS/TR, PG, TG
-0.3
6
V
FB, RS
-0.3
3
V
Power Good / Thermal Good Sink Current
PG, TG
10
mA
Operating Junction Temperature Range, TJ
-40
150
°C
Storage Temperature Range, Tstg
-65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±1000
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
all pins(2)
±500
6.3 Recommended Operating Conditions
MIN
TYP
MAX
UNIT
Supply Voltage Range, VIN
2.4
5.5
V
Output Voltage Range, VOUT
0.6
5.5
V
Maximum Output Current, IOUT
6
A
Operating junction temperature, TJ
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPSM82480
UNIT
MOP 24 PINS
JEDEC with thermal
vias
RθJA
Junction-to-ambient thermal resistance
32.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
13.6
°C/W
RθJB
Junction-to-board thermal resistance
11.5
°C/W
ψJT
Junction-to-top characterization parameter
0.53
°C/W
ψJB
Junction-to-board characterization parameter
11.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
-
°C/W


Numéro de pièce similaire - TPSM82480

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 38P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 38P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 39P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI-TPSM82810 Datasheet
2Mb / 39P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810SIL TI1-TPSM82810SIL Datasheet
2Mb / 38P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
More results

Description similaire - TPSM82480

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
[Old version datasheet]   17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPSM828303 TI1-TPSM828303 Datasheet
2Mb / 33P
[Old version datasheet]   TPSM828303, 2.25-V to 5.5-V input, 1-, 2-, 3-A Step-Down Power Module With Integrated Inductor
JULY 2023
TPSM82810 TI1-TPSM82810_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI-TPSM82810_V03 Datasheet
2Mb / 39P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 38P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
logo
Monolithic Power System...
MPM3805 MPS-MPM3805 Datasheet
890Kb / 16P
   6V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3610 MPS-MPM3610 Datasheet
846Kb / 23P
   21V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3620 MPS-MPM3620 Datasheet
930Kb / 24P
   24V Input 2A Module Synchronous Step-Down Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com