Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS565201DDCR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS565201DDCR
Description  4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS565201DDCR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS565201DDCR Datasheet HTML 6Page - Texas Instruments TPS565201DDCR Datasheet HTML 7Page - Texas Instruments TPS565201DDCR Datasheet HTML 8Page - Texas Instruments TPS565201DDCR Datasheet HTML 9Page - Texas Instruments TPS565201DDCR Datasheet HTML 10Page - Texas Instruments TPS565201DDCR Datasheet HTML 11Page - Texas Instruments TPS565201DDCR Datasheet HTML 12Page - Texas Instruments TPS565201DDCR Datasheet HTML 13Page - Texas Instruments TPS565201DDCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
IN
OUT
OUT
OUT(LL)
SW
IN
(V
V
) V
1
I
2 L
V
-
´
=
´
´ ´ ¦
10
TPS565201
SLVSE71 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS565201
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Adaptive On-Time Control and PWM Operation
The main control loop of the TPS565201 is adaptive on-time pulse width modulation (PWM) controller that
supports a proprietary D-CAP2™ mode control. The D-CAP2™ mode control combines adaptive on-time control
with an internal compensation circuit for pseudo-fixed frequency and low external component count configuration
with low-ESR ceramic output capacitors. It is stable even with virtually no ripple at the output.
At the beginning of each cycle, the high-side MOSFET is turned on. This MOSFET is turned off after internal
one-shot timer expires. This one shot duration is set inversely proportional to the converter input voltage, VIN,
and proportional to the output voltage VO, to maintain a pseudo-fixed frequency over the input voltage range,
hence it is called adaptive on-time control. The one-shot timer is reset and the high-side MOSFET is turned on
again when the feedback voltage falls below the reference voltage. An ripple is added to reference voltage to
simulate output ripple, eliminating the need for ESR induced output ripple from D-CAP2TM mode control.
7.3.2 Pulse Skip Mode
The TPS565201 is designed with Eco-mode™ to maintain high light load efficiency. As the output current
decreases from heavy load condition, the inductor current is also reduced and eventually comes to point that its
rippled valley touches zero level, which is the boundary between continuous conduction and discontinuous
conduction modes. The rectifying MOSFET is turned off when the zero inductor current is detected. As the load
current further decreases the converter runs into discontinuous conduction mode. The on-time is kept almost the
same as it was in the continuous conduction mode so that it takes longer time to discharge the output capacitor
with smaller load current to the level of the reference voltage. This makes the switching frequency lower,
proportional to the load current, and keeps the light load efficiency high. The transition point to the light load
operation IOUT(LL) current can be calculated in Equation 1.
(1)
7.3.3 Soft Start and Pre-Biased Soft Start
The TPS565201 has an internal 1.0-ms soft-start. When the EN pin becomes high, the internal soft-start function
begins ramping up the reference voltage to the PWM comparator.
If the output capacitor is pre-biased at startup, the device initiates switching and starts ramping up only after the
internal reference voltage becomes greater than the feedback voltage VFB. This scheme ensures that the
converter ramps up smoothly into regulation point.


Numéro de pièce similaire - TPS565201DDCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS56520 TI1-TPS56520 Datasheet
1Mb / 44P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator with Voltage Scaling
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS565208DDCR TI1-TPS565208DDCR Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS565208DDCT TI1-TPS565208DDCT Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS56520PWP TI1-TPS56520PWP Datasheet
1Mb / 44P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator with Voltage Scaling
More results

Description similaire - TPS565201DDCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS564208 TI1-TPS564208 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS563231 TI1-TPS563231_19 Datasheet
551Kb / 21P
[Old version datasheet]   4.5-V to 17-V input, 3-A synchronous step-down voltage regulator in SOT563
TPS563231 TI1-TPS563231 Datasheet
559Kb / 21P
[Old version datasheet]   4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT563
TPS563231_1902 TI1-TPS563231_1902 Datasheet
729Kb / 25P
[Old version datasheet]   4.5-V to 17-V input, 3-A synchronous step-down voltage regulator in SOT563
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS568230 TI1-TPS568230 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com