Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS63710DRRT Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS63710DRRT
Description  Low Noise Synchronous Inverting Buck Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63710DRRT Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS63710DRRT Datasheet HTML 5Page - Texas Instruments TPS63710DRRT Datasheet HTML 6Page - Texas Instruments TPS63710DRRT Datasheet HTML 7Page - Texas Instruments TPS63710DRRT Datasheet HTML 8Page - Texas Instruments TPS63710DRRT Datasheet HTML 9Page - Texas Instruments TPS63710DRRT Datasheet HTML 10Page - Texas Instruments TPS63710DRRT Datasheet HTML 11Page - Texas Instruments TPS63710DRRT Datasheet HTML 12Page - Texas Instruments TPS63710DRRT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
GND
+
-
VBG
FB
VOUT
VREF
CAP
gain =
1
0.9
noise filter
gain stage
internal
100k
SW
L
C
OUT
Copyright © 2017, Texas Instruments Incorporated
C
CAP
R
1
R
2
CAP
C
k
C
R
fc
´
W
´
=
´
´
=
100
2
1
2
1
p
p
9
TPS63710
www.ti.com
SLVSD44 – SEPTEMBER 2017
Product Folder Links: TPS63710
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Low Noise Reference System
The reference system in the TPS63710 uses an external filter capacitor on the CAP pin. This reduces the low-
frequency (1/f) noise in a range from a lower limit up to around 100kHz. The lower limit is defined by the corner
frequency of the RC filter from the internal 100-kΩ resistor and an external capacitor on the CAP pin. The corner
frequency is defined by Equation 1.
(1)
In order to minimize the noise on the output voltage, the TPS63710 uses an architecture where the output
voltage setting is done by changing the reference voltage which then is filtered. The gain stage therefore does
not have to have a large gain in order to not increase the noise level. VBG is the internal bandgap reference
voltage, optimized for low noise. Its output voltage is amplified and inverted and then filtered. The voltage on the
CAP pin is the reference for the gain stage. The connection from CAP to the external capacitor should be as
short as possible and be kept away from noisy traces. The gain stage has a small gain of 1/0.9. The voltage at
VREF is negative and lower than the output voltage by the gain factor of the gain stage. Please also see Setting
the Output Voltage. Figure 9 shows the low noise architecture.
Figure 9. Low Noise Architecture
7.3.2 Duty Cycle
The duty cycle referred to in this data sheet is the duty cycle at the SW pin. By definition, from the PWM
operation, the CP pin has the inverse duty cycle of 1-D. As a first approximation, the duty cycle is defined as
|VOUT| / VIN. However, the actual duty cycle is larger, due to losses, and must remain below 70% for a robust
design.
7.3.3 Enable
The device is enabled when the EN pin is set to high. With EN set to low, the device shuts down. After EN is set
high, the capacitor CCP (from CP to SW) is pre-charged with about 50mA. After the start-up delay time tdelay, the
device starts switching and ramps the output voltage to its target value. See Soft-Start.
The EN pin must be set externally to high or low. An internal pull-down resistor of about 400 kΩ is connected and
keeps EN low, if a low is detected internally and afterwards the pin is floating. When a high level is detected, the
internal resistor is disconnected.
7.3.4 Undervoltage Lockout
An undervoltage lockout circuit prevents the device from starting up and operating, if the supply voltage is too
low. The device automatically shuts down the converter when the VAUX voltage falls below the VUVLO threshold.
There is hysteresis to prevent oscillation with high impedance supply voltage sources. Once the threshold plus
hysteresis is exceeded, the device enters soft-start. Undervoltage lockout is sensed on the VAUX voltage, as this
is the internal supply for the control loop and logic.


Numéro de pièce similaire - TPS63710DRRT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63700 TI-TPS63700 Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
TPS63700DRC TI-TPS63700DRC Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
TPS63700DRCR TI-TPS63700DRCR Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
TPS63700DRCRG4 TI-TPS63700DRCRG4 Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
TPS63700DRCT TI-TPS63700DRCT Datasheet
1Mb / 22P
[Old version datasheet]   DC-DC INVERTER
More results

Description similaire - TPS63710DRRT

FabricantNo de pièceFiches techniqueDescription
logo
Global Mixed-mode Techn...
G5723 GMT-G5723 Datasheet
44Kb / 1P
   Synchronous Buck Converter with Low-Noise LDO Regulator
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
   Synchronous Buck Converter
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
   Synchronous Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
   Synchronous Buck Converter
logo
Rohm
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
   Synchronous Buck Converter
logo
First Silicon Co., Ltd
FC3470 FS-FC3470 Datasheet
931Kb / 8P
   Synchronous Buck Converter
logo
Linear Technology
LT8471EFE LINER-LT8471EFE Datasheet
401Kb / 6P
   Dual Output, Buck and Inverting Converter
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Major-Power Technology ...
MA5006 MPOWER-MA5006 Datasheet
249Kb / 2P
   1A, 1.2MHz Low Noise Sync. Buck Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com