Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A53-Q1 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A53-Q1
Description  Automotive-Grade 3-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A53-Q1 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS7A53-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A53-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A53-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A53-Q1 Datasheet HTML 9Page - Texas Instruments TPS7A53-Q1 Datasheet HTML 10Page - Texas Instruments TPS7A53-Q1 Datasheet HTML 11Page - Texas Instruments TPS7A53-Q1 Datasheet HTML 12Page - Texas Instruments TPS7A53-Q1 Datasheet HTML 13Page - Texas Instruments TPS7A53-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
GND
VBG
+
±
VIN
VFB
GND
VPG
EN
GND
UVLOBIAS
UVLOIN
10
TPS7A53-Q1
SBVS298 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS7A53-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3.2.2.1
Enable (EN)
The enable signal (VEN) is an active-high digital control that enables the LDO when the enable voltage is past the
rising threshold (VEN ≥ VIH(EN)) and disables the LDO when the enable voltage is below the falling threshold (VEN
≤ VIL(EN)). The exact enable threshold is between VIH(EN) and VIL(EN) because EN is a digital control. Connect EN
to VIN if enable functionality is not desired.
7.3.2.2.2
Undervoltage Lockout (UVLO) Control
The UVLO circuits respond quickly to glitches on IN or BIAS and attempts to disable the output of the device if
either of these rails collapse.
7.3.2.2.3
Active Discharge
When either EN or UVLO is low, the device connects a resistor of several hundred ohms from VOUT to GND,
discharging the output capacitance.
Do not rely on the active discharge circuit for discharging large output capacitors when the input voltage drops
below the targeted output voltage. Current flows from the output to the input (reverse current) when VOUT > VIN,
which can cause damage to the device (when VOUT > VIN + 0.3 V).
7.3.2.3 Power-Good Output (PG)
The PG signal provides an easy solution to meet demanding sequencing requirements because PG signals
when the output nears its nominal value. PG can be used to signal other devices in a system when the output
voltage is near, at, or above the set output voltage (VOUT(nom)). A simplified schematic is shown in Figure 4.
The PG signal is an open-drain digital output that requires a pullup resistor to a voltage source and is active high.
The PG circuit sets the PG pin into a high-impedance state to indicate that the power is good.
Using a large feed-forward capacitor (CFF) delays the output voltage and, because the PG circuit monitors the FB
pin, the PG signal can indicate a false positive.
Figure 4. Simplified PG Circuit


Numéro de pièce similaire - TPS7A53-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A53-Q1 TI1-TPS7A53-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1 Datasheet
475Kb / 28P
[Old version datasheet]   TPS7A53 3-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1_18 Datasheet
2Mb / 41P
[Old version datasheet]   3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
More results

Description similaire - TPS7A53-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A53-Q1 TI1-TPS7A53-Q1_18 Datasheet
2Mb / 41P
[Old version datasheet]   3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A52-Q1 TI1-TPS7A52-Q1_18 Datasheet
2Mb / 42P
[Old version datasheet]   2-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A52-Q1 TI1-TPS7A52-Q1 Datasheet
375Kb / 28P
[Old version datasheet]   Automotive-Grade 2-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A54-Q1 TI1-TPS7A54-Q1 Datasheet
377Kb / 28P
[Old version datasheet]   Automotive-Grade 4-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A53A-Q1 TI-TPS7A53A-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   TPS7A53A-Q1 3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
REVISED DECEMBER 2022
TPS7A53A-Q1 TI-TPS7A53A-Q1_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPS7A53A-Q1 3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
REVISED DECEMBER 2022
TPS7A91 TI1-TPS7A91 Datasheet
1Mb / 31P
[Old version datasheet]   1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A92 TI1-TPS7A92 Datasheet
2Mb / 33P
[Old version datasheet]   2-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A53B TI-TPS7A53B Datasheet
1Mb / 35P
[Old version datasheet]   TPS7A53B 3-A, Low-Input Voltage, Low-Noise, High-Accuracy, Low-Dropout (LDO) Voltage Regulator
AUGUST 2023
TPS7A84A TI1-TPS7A84A Datasheet
2Mb / 46P
[Old version datasheet]   3-A, High-Accuracy (0.75%), Low-Noise (4.4-uVRMS) LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com