Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A53-Q1 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A53-Q1
Description  Automotive-Grade 3-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A53-Q1 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS7A53-Q1 Datasheet HTML 1Page - Texas Instruments TPS7A53-Q1 Datasheet HTML 2Page - Texas Instruments TPS7A53-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A53-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A53-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A53-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A53-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A53-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A53-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
TPS7A53-Q1
SBVS298 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS7A53-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The absolute maximum rating is VIN + 0.3 V or 7.0 V, whichever is smaller.
6 Specifications
6.1 Absolute Maximum Ratings
over junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
IN, BIAS, PG, EN
–0.3
7.0
V
OUT
–0.3
VIN + 0.3
(2)
V
NR/SS, FB
–0.3
3.6
V
Current
OUT
Internally limited
A
PG (sink current into device)
5
mA
Temperature
Operating junction, TJ
–55
150
°C
Storage, Tstg
–55
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±500
(1)
Bias supply voltage is required when the VIN supply is below 1.4 V. Conversely, no bias supply is required when the VIN supply is higher
than or equal to 1.4 V. A bias supply helps improve dc and ac performance for VIN ≤ 2.2 V.
(2)
The recommended output capacitors are selected to optimize PSRR for the frequency range of 400 kHz to 700 kHz. This frequency
range is a typical value for dc-dc supplies.
(3)
If BIAS is used, a 10-µF capacitor is required. If BIAS is not used, a capacitor on the BIAS pin is not needed.
(4)
The 12.1-kΩ resistor is selected to optimize PSRR and noise by matching the internal R1 value.
(5)
The upper limit for the R2 resistor is to provide accuracy by making the current through the feedback network much larger than the
leakage current into the feedback node.
6.3 Recommended Operating Conditions
over junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input supply voltage range(1)
1.1
6.5
V
VBIAS
Bias supply voltage range(1)
3.0
6.5
V
VEN
Enable voltage range
0
6.5
V
IOUT
Output current
0
3
A
CIN
Input capacitor
10
47
µF
COUT
Output capacitor(2)
47
47 || 10 || 10
µF
CBIAS
Bias capacitor(3)
10
µF
RPG
Power-good pullup resistance
10
100
CNR/SS
NR/SS capacitor
10
nF
CFF
Feed-forward capacitor
10
nF
R1
Top resistor value in feedback network for
adjustable operation(4)
12.1
R2
Bottom resistor value in feedback network for
adjustable operation(5)
160
TJ
Operating junction temperature
–40
140
°C


Numéro de pièce similaire - TPS7A53-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A53-Q1 TI1-TPS7A53-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1 Datasheet
475Kb / 28P
[Old version datasheet]   TPS7A53 3-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1_18 Datasheet
2Mb / 41P
[Old version datasheet]   3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
More results

Description similaire - TPS7A53-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A53-Q1 TI1-TPS7A53-Q1_18 Datasheet
2Mb / 41P
[Old version datasheet]   3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A52-Q1 TI1-TPS7A52-Q1_18 Datasheet
2Mb / 42P
[Old version datasheet]   2-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A52-Q1 TI1-TPS7A52-Q1 Datasheet
375Kb / 28P
[Old version datasheet]   Automotive-Grade 2-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A54-Q1 TI1-TPS7A54-Q1 Datasheet
377Kb / 28P
[Old version datasheet]   Automotive-Grade 4-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A53A-Q1 TI-TPS7A53A-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   TPS7A53A-Q1 3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
REVISED DECEMBER 2022
TPS7A53A-Q1 TI-TPS7A53A-Q1_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPS7A53A-Q1 3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
REVISED DECEMBER 2022
TPS7A91 TI1-TPS7A91 Datasheet
1Mb / 31P
[Old version datasheet]   1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A92 TI1-TPS7A92 Datasheet
2Mb / 33P
[Old version datasheet]   2-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A53B TI-TPS7A53B Datasheet
1Mb / 35P
[Old version datasheet]   TPS7A53B 3-A, Low-Input Voltage, Low-Noise, High-Accuracy, Low-Dropout (LDO) Voltage Regulator
AUGUST 2023
TPS7A84A TI1-TPS7A84A Datasheet
2Mb / 46P
[Old version datasheet]   3-A, High-Accuracy (0.75%), Low-Noise (4.4-uVRMS) LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com