Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A52-Q1 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A52-Q1
Description  Automotive-Grade 2-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A52-Q1 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS7A52-Q1 Datasheet HTML 2Page - Texas Instruments TPS7A52-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A52-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A52-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A52-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A52-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A52-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A52-Q1 Datasheet HTML 9Page - Texas Instruments TPS7A52-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
TPS7A52-Q1
SBVS296 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS7A52-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over operating junction temperature range (TJ = –40°C to +140°C), VIN = 1.4 V or VIN = VOUT(nom) + 0.4 V (whichever is
greater), VBIAS = open, VOUT(nom) = 0.8 V
(1), OUT connected to 50 Ω to GND(2), V
EN = 1.1 V, CIN = 10 μF, COUT = 22 μF, CNR/SS
= CFF = open, and PG pin pulled up to VIN with 100 kΩ, unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL(EN)
EN pin low-level input voltage
(disable device)
0
0.5
V
VIH(EN)
EN pin high-level input voltage
(enable device)
1.1
6.5
V
VIT(PG)
PG pin threshold
For falling VOUT
0.82VOUT
0.88VOUT
0.93VOUT
V
VHYS(PG)
PG pin hysteresis
For rising VOUT
0.02VOUT
V
VOL(PG)
PG pin low-level output voltage
VOUT < VIT(PG), IPG = –1 mA
(current into device)
0.4
V
Ilkg(PG)
PG pin leakage current
VOUT > VIT(PG), VPG = 6.5 V
1
µA
INR/SS
NR/SS pin charging current
VNR/SS = GND, VIN = 6.5 V
4.0
6.2
9.0
µA
IFB
FB pin leakage current
VIN = 6.5 V
–100
100
nA
PSRR
Power-supply ripple rejection
VIN – VOUT = 0.4 V,
IOUT = 2 A, CNR/SS = 100 nF,
CFF = 10 nF, COUT =
22 μF
f = 10 kHz,
VOUT = 0.8 V,
VBIAS = 5.0 V
42
dB
f = 500 kHz,
VOUT = 0.8 V,
VBIAS = 5.0 V
39
f = 10 kHz,
VOUT = 5.0 V
40
f = 500 kHz,
VOUT = 5.0 V
25
Vn
Output noise voltage
BW = 10 Hz to 100 kHz, VIN = 1.1 V,
VOUT = 0.8 V, VBIAS = 5.0 V, IOUT = 2 A,
CNR/SS = 100 nF, CFF = 10 nF,
COUT = 22 μF
4.4
μVRMS
BW = 10 Hz to 100 kHz,
VOUT = 5.0 V, IOUT = 2 A, CNR/SS = 100 nF,
CFF = 10 nF, COUT = 22 μF
7.7
Tsd
Thermal shutdown temperature
Shutdown, temperature increasing
160
°C
Reset, temperature decreasing
140


Numéro de pièce similaire - TPS7A52-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A52-Q1 TI1-TPS7A52-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   2-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A52-Q1 TI1-TPS7A52-Q1 Datasheet
486Kb / 28P
[Old version datasheet]   TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
TPS7A52-Q1 TI1-TPS7A52-Q1_18 Datasheet
2Mb / 42P
[Old version datasheet]   2-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
More results

Description similaire - TPS7A52-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A52-Q1 TI1-TPS7A52-Q1_18 Datasheet
2Mb / 42P
[Old version datasheet]   2-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1_18 Datasheet
2Mb / 41P
[Old version datasheet]   3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1 Datasheet
377Kb / 28P
[Old version datasheet]   Automotive-Grade 3-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A54-Q1 TI1-TPS7A54-Q1 Datasheet
377Kb / 28P
[Old version datasheet]   Automotive-Grade 4-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A92 TI1-TPS7A92 Datasheet
2Mb / 33P
[Old version datasheet]   2-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A53A-Q1 TI-TPS7A53A-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   TPS7A53A-Q1 3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
REVISED DECEMBER 2022
TPS7A53A-Q1 TI-TPS7A53A-Q1_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPS7A53A-Q1 3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
REVISED DECEMBER 2022
TPS7A91 TI1-TPS7A91 Datasheet
1Mb / 31P
[Old version datasheet]   1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A83A TI1-TPS7A83A_18 Datasheet
3Mb / 49P
[Old version datasheet]   2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
TPS7A83A TI1-TPS7A83A Datasheet
2Mb / 46P
[Old version datasheet]   2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com