Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1G79DPW Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce SN74AUP1G79DPW
Description  SN74AUP1G79 Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G79DPW Fiches technique(HTML) 5 Page - Texas Instruments

  SN74AUP1G79DPW Datasheet HTML 1Page - Texas Instruments SN74AUP1G79DPW Datasheet HTML 2Page - Texas Instruments SN74AUP1G79DPW Datasheet HTML 3Page - Texas Instruments SN74AUP1G79DPW Datasheet HTML 4Page - Texas Instruments SN74AUP1G79DPW Datasheet HTML 5Page - Texas Instruments SN74AUP1G79DPW Datasheet HTML 6Page - Texas Instruments SN74AUP1G79DPW Datasheet HTML 7Page - Texas Instruments SN74AUP1G79DPW Datasheet HTML 8Page - Texas Instruments SN74AUP1G79DPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
5
SN74AUP1G79
www.ti.com
SCES592I – JULY 2004 – REVISED SEPTEMBER 2017
Product Folder Links: SN74AUP1G79
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
(1)
All unused inputs of the device must be held at VCC or GND to assure proper device operation. See the TI application report,
Implications of Slow or Floating CMOS Inputs.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage
0.8
3.6
V
VIH
High-level input voltage
VCC = 0.8 V
VCC
V
VCC = 1.1 V to 1.95 V
0.65 × VCC
VCC = 2.3 V to 2.7 V
1.6
VCC = 3 V to 3.6 V
2
VIL
Low-level input voltage
VCC = 0.8 V
0
V
VCC = 1.1 V to 1.95 V
0.35 × VCC
VCC = 2.3 V to 2.7 V
0.7
VCC = 3 V to 3.6 V
0.9
VI
Input voltage(1)
0
3.6
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
VCC = 0.8 V
–20
µA
VCC = 1.1 V
–1.1
mA
VCC = 1.4 V
–1.7
VCC = 1.65 V
–1.9
VCC = 2.3 V
–3.1
VCC = 3 V
–4
IOL
Low-level output current
VCC = 0.8 V
20
µA
VCC = 1.1 V
1.1
mA
VCC = 1.4 V
1.7
VCC = 1.65 V
1.9
VCC = 2.3 V
3.1
VCC = 3 V
4
Δt/Δv
Input transition rise or fall rate
VCC = 0.8 V to 3.6 V
200
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
SN74AUP1G79
UNIT
DBV
(SOT-23)
DCK
(SC70)
DRL
(SOT-5X3)
DRY
(SON)
DSF
(SON)
DPW
(X2SON)
YFP
(DSBGA)
YZP
(DSBGA)
5 PINS
5 PINS
5 PINS
6 PINS
6 PINS
5 PINS
6 PINS
5 PINS
RθJA
Junction-to-ambient thermal
resistance
267.2
284.1
294.1
341.1
377.1
489.2
125.4
146.2
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
191.9
208.5
132.5
233.1
187.7
226.3
1.9
1.4
°C/W
RθJB
Junction-to-board thermal
resistance
101.1
103.1
143.4
206.7
236.6
352.9
37.2
39.3
°C/W
ψJT
Junction-to-top characterization
parameter
83.0
76.6
14.5
63.4
29.0
38.2
0.5
0.7
°C/W
ψJB
Junction-to-board
characterization parameter
100.8
102.3
143.9
206.7
236.3
352.1
37.5
39.8
°C/W
RθJC(bot)
Junction-to-case (bottom)
thermal resistance
N/A
N/A
N/A
N/A
N/A
150.8
N/A
N/A
°C/W


Numéro de pièce similaire - SN74AUP1G79DPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G79DBVR TI-SN74AUP1G79DBVR Datasheet
266Kb / 15P
[Old version datasheet]   LOW POWER SINGLE POSITIVE EDGE TRIGGERRED D TYPE FLIP FLOP
SN74AUP1G79DBVR TI-SN74AUP1G79DBVR Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79DBVR TI-SN74AUP1G79DBVR Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79DBVR TI1-SN74AUP1G79DBVR Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79DBVRE4 TI-SN74AUP1G79DBVRE4 Datasheet
266Kb / 15P
[Old version datasheet]   LOW POWER SINGLE POSITIVE EDGE TRIGGERRED D TYPE FLIP FLOP
More results

Description similaire - SN74AUP1G79DPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com