Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX584B2V4GG Fiches technique(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

No de pièce BZX584B2V4GG
Description  100mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Site Internet  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

BZX584B2V4GG Fiches technique(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  BZX584B2V4GG Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd BZX584B2V4GG Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd BZX584B2V4GG Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics @ TA = 25°C unless otherwise specified
2 of 3
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
Nominal Zener Voltage
Max. Zener Impedance
Max Reverse Leakage
Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Part Number
Nom. V
Min. V
Max. V
mA
mA
μA
V
BZX584B2V4G
2.4
2.352
2.448
100
5.0
600
1.00
120
1.0
BZX584B2V7G
2.7
2.646
2.754
110
5.0
600
1.00
120
1.0
BZX584B3V0G
3.0
2.940
3.060
120
5.0
600
1.00
50
1.0
BZX584B3V3G
3.3
3.234
3.366
130
5.0
600
1.00
20
1.0
BZX584B3V6G
3.6
3.528
3.672
130
5.0
600
1.00
10
1.0
BZX584B3V9G
3.9
3.822
3.978
130
5.0
600
1.00
5.0
1.0
BZX584B4V3G
4.3
4.214
4.386
130
5.0
600
1.00
5.0
1.0
BZX584B4V7G
4.7
4.606
4.794
130
5.0
500
1.00
2.0
1.0
BZX584B5V1G
5.1
4.998
5.202
130
5.0
480
1.00
2.0
1.5
BZX584B5V6G
5.6
5.488
5.712
80
5.0
400
1.00
1.0
2.5
BZX584B6V2G
6.2
6.076
6.324
50
5.0
150
1.00
1.0
3.0
BZX584B6V8G
6.8
6.664
6.936
30
5.0
80
1.00
0.5
3.5
BZX584B7V5G
7.5
7.350
7.650
30
5.0
80
1.00
0.5
4.0
BZX584B8V2G
8.2
8.036
8.364
30
5.0
80
1.00
0.5
5.0
BZX584B9V1G
9.1
8.918
9.282
30
5.0
100
1.00
0.5
6.0
BZX584B10G
10
9.800
10.200
30
5.0
150
1.00
0.1
7.0
BZX584B11G
11
10.780
11.220
30
5.0
150
1.00
0.1
8.0
BZX584B12G
12
11.760
12.240
35
5.0
150
1.00
0.1
9.0
BZX584B13G
13
12.740
13.260
35
5.0
170
1.00
0.1
10.0
BZX584B15G
15
14.700
15.300
40
5.0
200
1.00
0.1
11.0
BZX584B16G
16
15.680
16.320
40
5.0
200
1.00
0.1
12.0
BZX584B18G
18
17.640
18.360
45
5.0
225
1.00
0.1
13.0
BZX584B20G
20
19.600
20.400
50
5.0
225
1.00
0.1
15.0
BZX584B22G
22
21.560
22.440
55
5.0
250
1.00
0.1
17.0
BZX584B24G
24
23.520
24.480
60
5.0
250
1.00
0.1
19.0
BZX584B27G
27
26.460
27.540
70
2.0
300
0.50
0.1
21.0
BZX584B30G
30
29.400
30.600
80
2.0
300
0.50
0.1
23.0
BZX584B33G
33
32.340
33.660
80
2.0
325
0.50
0.1
25.0
BZX584B36G
36
35.280
36.720
90
2.0
350
0.50
0.1
27.0
BZX584B39G
39
38.220
39.780
100
2.0
350
0.50
2.0
30.0
BZX584B43G
43.0
42.140
43.860
130
2.0
500
0.50
2.0
33.0
BZX584B47G
47.0
46.060
47.940
150
2.0
500
0.50
2.0
36.0
BZX584B51G
51.0
49.980
52.020
180
2.0
500
0.50
1.0
39.0
BZX584B56G
56.0
54.880
57.120
180
2.0
500
0.50
1.0
43.0
BZX584B62G
62.0
60.760
63.240
200
2.0
500
0.50
0.2
47.0
BZX584B68G
68.0
66.640
69.360
250
2.0
500
0.50
0.2
52.0
BZX584B75G
75.0
73.500
76.500
300
2.0
500
0.50
0.2
57.0
BZ X 584B2V4G-BZZ X 584B7 5G
BZ X 584B2V4G-BZZ X 584B7 5G
Alldatasheet


Numéro de pièce similaire - BZX584B2V4GG

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
BZX584B2V4 TAK_CHEONG-BZX584B2V4 Datasheet
279Kb / 5P
   200mW SOD-523 SURFACE MOUNT
logo
Jiangsu Changjiang Elec...
BZX584B2V4 JIANGSU-BZX584B2V4 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Micro Commercial Compon...
BZX584B2V4 MCC-BZX584B2V4 Datasheet
509Kb / 4P
   Silicon 150 mWatt Zener Diodes
logo
First Silicon Co., Ltd
BZX584B2V4 FS-BZX584B2V4 Datasheet
306Kb / 4P
   Zener Diode
logo
DAESAN ELECTRONIC CORP.
BZX584B2V4 DAESAN-BZX584B2V4 Datasheet
260Kb / 3P
   ZENER DIODE
More results

Description similaire - BZX584B2V4GG

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
BZX784B SECOS-BZX784B Datasheet
57Kb / 2P
   100mW, SOD-723 Surface Mount Zener Diodes
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com