Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX79C2V7 Fiches technique(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

No de pièce BZX79C2V7
Description  500mW Silicon Planar Pow
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Site Internet  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

BZX79C2V7 Fiches technique(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  BZX79C2V7 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd BZX79C2V7 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd BZX79C2V7 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ambient Temperature: Ta ( C)
O
0
25
100
150
0
100
200
300
400
500
200
Power Derating Curve
BZX79C SERIES
3 of 3
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
BZX79C2V 4 - BZX79C75
Alldatasheet


Numéro de pièce similaire - BZX79C2V7

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BZX79C2V7 FAIRCHILD-BZX79C2V7 Datasheet
47Kb / 5P
   Zeners
logo
Continental Device Indi...
BZX79C2V7 CDIL-BZX79C2V7 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C2V7 EIC-BZX79C2V7 Datasheet
36Kb / 2P
   ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX79C2V7 NJSEMI-BZX79C2V7 Datasheet
132Kb / 2P
   ZENER DIODES
logo
First Components Intern...
BZX79C2V7 FCI-BZX79C2V7 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
More results

Description similaire - BZX79C2V7

FabricantNo de pièceFiches techniqueDescription
logo
Zibo Seno Electronic En...
MM1Z2V0 ZSELEC-MM1Z2V0 Datasheet
388Kb / 4P
   500mW Silicon Planar Zener Diodes
logo
Guangdong Juxing Electr...
MMSZXVXCW JUXING-MMSZXVXCW Datasheet
376Kb / 3P
   500mW Silicon Planar Zener Diodes
logo
Zibo Seno Electronic En...
ZMM5221B ZSELEC-ZMM5221B Datasheet
115Kb / 3P
   500mW Silicon Planar Zener Diodes
logo
Guangdong Juxing Electr...
MMSZ5221BW JUXING-MMSZ5221BW Datasheet
1Mb / 3P
   500mW Silicon Planar Zener Diodes
MMSZ JUXING-MMSZ Datasheet
718Kb / 3P
   500mW Silicon Planar Zener Diodes
logo
Surge Components
SL5225 SURGE-SL5225 Datasheet
82Kb / 2P
   SILICON PLANAR ZENER DIODES, 500mW,MINIMELF PACKAGE
SMBZ5230 SURGE-SMBZ5230 Datasheet
75Kb / 3P
   SILICON PLANAR ZENER DIODES, 500mW, SOT-23 PACKAGE?
logo
Digitron Semiconductors
1N4099 DIGITRON-1N4099 Datasheet
1Mb / 3P
   SILICON 500mW
logo
Diodes Incorporated
TZX2V4 DIODES-TZX2V4 Datasheet
67Kb / 4P
   500mW EPITAXIAL PLANAR ZENER DIODE
DS30089 Rev. 1P-5
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com