Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4003 Fiches technique(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

No de pièce 1N4003
Description  1.0A SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Site Internet  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1N4003 Fiches technique(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1N4003 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4003 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
1N4001 - 1N4007
1.0A SILICON RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.35 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
1N
4001
1N
4002
1N
4003
1N
4004
1N
4005
1N
4006
1N
4007
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 75°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
50
µA
Typical Junction Capacitance (Note 2)
Cj
15
pF
Typical Thermal Resistance Junction to Ambient
(Note 1)
RJA
50
K/W
Operating Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C.
1N4001 - 1N4007
!
Lead Free: For RoHS / Lead Free Version
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
DO-41
Dim
Min
Max
A
24.5
B
4.06
5.21
C
0.60
0.80
D
2.00
3.00
All Dimensions in mm
Alldatasheet


Numéro de pièce similaire - 1N4003

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
1N4003 PANJIT-1N4003 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4003 EIC-1N4003 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
logo
First Silicon Co., Ltd
1N4003 FS-1N4003 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
Pan Jit International I...
1N4003 PANJIT-1N4003 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Central Semiconductor C...
1N4003 CENTRAL-1N4003 Datasheet
72Kb / 2P
   AMP SILICON RECTIFIER
More results

Description similaire - 1N4003

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
BY133 WTE-BY133 Datasheet
47Kb / 3P
   1.0A SILICON RECTIFIER
1N4001 WTE-1N4001 Datasheet
52Kb / 3P
   1.0A SILICON RECTIFIER
1A1 WTE-1A1 Datasheet
54Kb / 3P
   1.0A MINIATURE SILICON RECTIFIER
logo
SMC Diode Solutions Co....
BY133 SMCDIODE-BY133 Datasheet
326Kb / 4P
   BY133 1.0A SILICON RECTIFIER
Rev. C
logo
Gaomi Xinghe Electronic...
1A7 GXELECTRONICS-1A7 Datasheet
314Kb / 2P
   1.0A MINIATURE SILICON RECTIFIER
logo
TAITRON Components Inco...
1N4001G TAITRON-1N4001G Datasheet
170Kb / 4P
   1.0A GENERAL PURPOSE SILICON RECTIFIER
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
59Kb / 2P
   1.0A RECTIFIER
DS28002 Rev. E-2
1N4001 DIODES-1N4001_1 Datasheet
74Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 7 - 2
1N4001 DIODES-1N4001_15 Datasheet
55Kb / 3P
   1.0A RECTIFIER
1N4001 DIODES-1N4001_2 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com