Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS81302D38GE-350I Fiches technique(PDF) 2 Page - GSI Technology

No de pièce GS81302D38GE-350I
Description  144Mb SigmaQuad-II Burst of 4 SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302D38GE-350I Fiches technique(HTML) 2 Page - GSI Technology

  GS81302D38GE-350I Datasheet HTML 1Page - GSI Technology GS81302D38GE-350I Datasheet HTML 2Page - GSI Technology GS81302D38GE-350I Datasheet HTML 3Page - GSI Technology GS81302D38GE-350I Datasheet HTML 4Page - GSI Technology GS81302D38GE-350I Datasheet HTML 5Page - GSI Technology GS81302D38GE-350I Datasheet HTML 6Page - GSI Technology GS81302D38GE-350I Datasheet HTML 7Page - GSI Technology GS81302D38GE-350I Datasheet HTML 8Page - GSI Technology GS81302D38GE-350I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
4M x 36 SigmaQuad-II+ SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
NC/SA
(288Mb)
SA
W
BW2
K
BW1
R
SA
SA
CQ
B
Q27
Q18
D18
SA
BW3
K
BW0
SA
D17
Q17
Q8
C
D27
Q28
D19
VSS
SA
NC
SA
VSS
D16
Q7
D8
D
D28
D20
Q19
VSS
VSS
VSS
VSS
VSS
Q16
D15
D7
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
SA
SA
SA
VSS
Q10
D9
D1
P
Q35
D35
Q26
SA
SA
QVLD
SA
SA
Q9
D0
Q0
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—15 x 17 mm2 Body—1 mm Bump Pitch
Notes:
1. BW0 controls writes to D0:D8; BW1 controls writes to D9:D17; BW2 controls writes to D18:D26; BW3 controls writes to D27:D35
2. Pin A2 is the expansion address.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05c 8/2017
2/31
© 2011, GSI Technology
GS81302D06/11/20/38E-500/450/400/350


Numéro de pièce similaire - GS81302D38GE-350I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS81302D38GE-350 GSI-GS81302D38GE-350 Datasheet
515Kb / 31P
   Dual Double Data Rate interface
More results

Description similaire - GS81302D38GE-350I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS81302D06 GSI-GS81302D06 Datasheet
405Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302DT06E-500 GSI-GS81302DT06E-500 Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D38AGD-450I GSI-GS81302D38AGD-450I Datasheet
446Kb / 26P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D11E-350I GSI-GS81302D11E-350I Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D38GE-450I GSI-GS81302D38GE-450I Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D20AGD-450I GSI-GS81302D20AGD-450I Datasheet
446Kb / 26P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302DT38GE-450I GSI-GS81302DT38GE-450I Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D11E-450I GSI-GS81302D11E-450I Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D11GE-350 GSI-GS81302D11GE-350 Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D20E-400I GSI-GS81302D20E-400I Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D20AGD-500 GSI-GS81302D20AGD-500 Datasheet
446Kb / 26P
   144Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com