Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSRL1060-A Fiches technique(PDF) 1 Page - Chip Integration Technology Corporation

No de pièce CSRL1060-A
Description  Super Low Barrier High Voltage Power Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CITC [Chip Integration Technology Corporation]
Site Internet  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSRL1060-A Fiches technique(HTML) 1 Page - Chip Integration Technology Corporation

  CSRL1060-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSRL1060-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSRL1060-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Axial lead type devices for through hole design.
Low forward voltage drop.
Excellent high temperature stability.
Fast switching capability.
Suffix "G" indicates Halogen-free part, ex.CSRL1060G-A.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Forward rectified current
Forward surge current
Thermal resistance
Operating and Storage temperature
Parameter
Marking code
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-201AD / DO-27
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity : Color band denotes cathode end
• Weight : Approximated 1.10 gram
DO-27(DO-201AD)
Marking code
1.0 (25.4) MIN.
1.0 (25.4) MIN.
.375 (9.6)
.285 (7.2)
.052 (1.3)
.048 (1.2)
DIA.
.220 (5.6)
.197 (4.8)
DIA.
Peak repetitive reverse surge current
I
O
I
F S M
T , T
J
S T G
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CSRL1060-A
UNIT
-55 ~ +150
10
180
A
A
O C/W
O C
18
R
θ J C
Junction to case
CSRL1060
V
R M
V
RW M
V
R R M
60
V
I
R R M
A
2us - 1kHz
3
V
F
I
R
Forward voltage drop
Reverse current
Parameter
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
100
0.5
mV
mA
MIN.
MAX.
O
I = 10A, T = 25 C
F
J
O
I = 10A, T = 125 C
F
J
560
650
O
I = 20A, T = 25 C
F
J
790
Document ID : DS-11KB7
Revised Date : 2015/08/10
Revision : C2
CSRL1060-A
490
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier
Main Product Characteristics
I
F ( AV )
2x5A
V
R R M
T
J
V
( Ty p )
60V
O
150 C
0.49V


Numéro de pièce similaire - CSRL1060-A

FabricantNo de pièceFiches techniqueDescription
logo
Chip Integration Techno...
CSRL5100-A CITC-CSRL5100-A Datasheet
456Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSRL5200-A CITC-CSRL5200-A Datasheet
467Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSRL545-A CITC-CSRL545-A Datasheet
456Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSRL560-A CITC-CSRL560-A Datasheet
457Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
logo
List of Unclassifed Man...
CSRL922 ETC2-CSRL922 Datasheet
240Kb / 1P
   SMA 90 EXTENDED PLUG FOR ECS CABLE 311601, 311501 AND 421601
More results

Description similaire - CSRL1060-A

FabricantNo de pièceFiches techniqueDescription
logo
Chip Integration Techno...
CS20S60CT-A CITC-CS20S60CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30L50CT-A CITC-CS30L50CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S60CT-A CITC-CS30S60CT-A Datasheet
480Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S100CT-A CITC-CS30S100CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS3060CT-A CITC-CS3060CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10L150CT-A CITC-CSF10L150CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10S100CT CITC-CSF10S100CT Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L100CT CITC-CSF30L100CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L150CT CITC-CSF30L150CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF2060CT-A CITC-CSF2060CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10100CT-A CITC-CSF10100CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com