Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSRL1060-A Fiches technique(PDF) 2 Page - Chip Integration Technology Corporation

No de pièce CSRL1060-A
Description  Super Low Barrier High Voltage Power Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CITC [Chip Integration Technology Corporation]
Site Internet  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSRL1060-A Fiches technique(HTML) 2 Page - Chip Integration Technology Corporation

  CSRL1060-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSRL1060-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSRL1060-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Reverse Voltage (V)
Fig. 1 - Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (Volts)
Reverse Voltage (V)
Fig. 2 - Reverse Characteristics
Fig. 3 - Total Capacitance VS. Reverse Voltage
0.1
1
10
100
100,000
10,000
1,000
100
f = 1MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
100
10
1
0.1
0.01
T =125°C
A
T =85°C
A
T =25°C
A
T =150°C
A
T =100°C
A
T =50°C
A
10
20
30
40
50
60
1000
100
10
1
0.1
0.01
O
T =85 C
A
O
T =150 C
A
O
T =125 C
A
O
T =100 C
A
O
T =50 C
A
O
T =25 C
A
CSRL1060-A
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier
Document ID : DS-11KB7
Revised Date : 2015/08/10
Revision : C2


Numéro de pièce similaire - CSRL1060-A

FabricantNo de pièceFiches techniqueDescription
logo
Chip Integration Techno...
CSRL5100-A CITC-CSRL5100-A Datasheet
456Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSRL5200-A CITC-CSRL5200-A Datasheet
467Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSRL545-A CITC-CSRL545-A Datasheet
456Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSRL560-A CITC-CSRL560-A Datasheet
457Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
logo
List of Unclassifed Man...
CSRL922 ETC2-CSRL922 Datasheet
240Kb / 1P
   SMA 90 EXTENDED PLUG FOR ECS CABLE 311601, 311501 AND 421601
More results

Description similaire - CSRL1060-A

FabricantNo de pièceFiches techniqueDescription
logo
Chip Integration Techno...
CS20S60CT-A CITC-CS20S60CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30L50CT-A CITC-CS30L50CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S60CT-A CITC-CS30S60CT-A Datasheet
480Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S100CT-A CITC-CS30S100CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS3060CT-A CITC-CS3060CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10L150CT-A CITC-CSF10L150CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10S100CT CITC-CSF10S100CT Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L100CT CITC-CSF30L100CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L150CT CITC-CSF30L150CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF2060CT-A CITC-CSF2060CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10100CT-A CITC-CSF10100CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com