Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS8180QV18BGD-167I Fiches technique(PDF) 1 Page - GSI Technology

No de pièce GS8180QV18BGD-167I
Description  18Mb Burst of 2 SigmaQuad SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8180QV18BGD-167I Fiches technique(HTML) 1 Page - GSI Technology

  GS8180QV18BGD-167I Datasheet HTML 1Page - GSI Technology GS8180QV18BGD-167I Datasheet HTML 2Page - GSI Technology GS8180QV18BGD-167I Datasheet HTML 3Page - GSI Technology GS8180QV18BGD-167I Datasheet HTML 4Page - GSI Technology GS8180QV18BGD-167I Datasheet HTML 5Page - GSI Technology GS8180QV18BGD-167I Datasheet HTML 6Page - GSI Technology GS8180QV18BGD-167I Datasheet HTML 7Page - GSI Technology GS8180QV18BGD-167I Datasheet HTML 8Page - GSI Technology GS8180QV18BGD-167I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Rev: 1.02b 11/2011
1/28
© 2007, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS8180QV18/36BD-200/167
18Mb Burst of 2
SigmaQuad SRAM
200 MHz–167 MHz
2.5 V VDD
1.8 V or 1.5 V I/O
165-Bump BGA
Commercial Temp
Industrial Temp
Features
• Simultaneous Read and Write SigmaQuad™ Interface
• JEDEC-standard pinout and package
• Dual DoubleData Rate interface
• Byte Write controls sampled at data-in time
• Burst of 2 Read and Write
• 2.5 V +100/–100 mV core power supply
• 1.5 V or 1.8 V HSTL Interface
• Pipelined read operation
• Fully coherent read and write pipelines
• ZQ mode pin for programmable output drive strength
• IEEE 1149.1 JTAG-compliant Boundary Scan
• Pin-compatible with future 36Mb, 72Mb, and 144Mb devices
• RoHS-compliant 165-bump, 13 mm x 15 mm, 1 mm bump
pitch BGA package
SigmaRAM™ Family Overview
GS8180QV18/36B are built in compliance with the
SigmaQuad SRAM pinout standard for Separate I/O
synchronous SRAMs. They are18,874,368-bit (18Mb)
SRAMs. These are the first in a family of wide, very low
voltage HSTL I/O SRAMs designed to operate at the speeds
needed to implement economical high performance
networking systems.
SigmaQuad SRAMs are offered in a number of configurations.
Some emulate and enhance other synchronous separate I/O
SRAMs. A higher performance SDR (Single Data Rate) Burst
of 2 version is also offered. The logical differences between
the protocols employed by these RAMs hinge mainly on
various combinations of address bursting, output data
registering, and write cueing. Along with the Common I/O
family of SigmaRAMs, the SigmaQuad family of SRAMs
allows a user to implement the interface protocol best suited to
the task at hand.
Clocking and Addressing Schemes
A Burst of 2 SigmaQuad SRAM is a synchronous device. It
employs two input register clock inputs, K and K. K and K are
independent single-ended clock inputs, not differential inputs
to a single differential clock input buffer. The device also
allows the user to manipulate the output register clock inputs
quasi independently with the C and C clock inputs. C and C are
also independent single-ended clock inputs, not differential
inputs. If the C clocks are tied high, the K clocks are routed
internally to fire the output registers instead.
Each internal read and write operation in a SigmaQuad-II B2
RAM is two times wider than the device I/O bus. An input data
bus de-multiplexer is used to accumulate incoming data before
it is simultaneously written to the memory array. An output
data multiplexer is used to capture the data produced from a
single memory array read and then route it to the appropriate
output drivers as needed. Therefore the address field of a
SigmaQuad-II B2 RAM is always one address pin less than the
advertised index depth (e.g., the 2M x 8 has a 1M addressable
index).
Parameter Synopsis*
-200
-167
tKHKH
5.0 ns
6.0 ns
tKHQV
2.3 ns
2.5 ns


Numéro de pièce similaire - GS8180QV18BGD-167I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8180QV18BGD-167 GSI-GS8180QV18BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results

Description similaire - GS8180QV18BGD-167I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8180QV18BD-167 GSI-GS8180QV18BD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200 GSI-GS8180QV18BD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV36BD-200I GSI-GS8180QV36BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200I GSI-GS8180QV18BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167 GSI-GS8180QV18BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-167I GSI-GS8180QV18BD-167I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-200 GSI-GS8180QV18BGD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18D GSI-GS8180QV18D Datasheet
778Kb / 32P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180Q18D GSI-GS8180Q18D Datasheet
777Kb / 32P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV36BGD-200 GSI-GS8180QV36BGD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com