Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSF30L200CT-A Fiches technique(PDF) 2 Page - Chip Integration Technology Corporation

No de pièce CSF30L200CT-A
Description  Super Low Barrier High Voltage Power Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CITC [Chip Integration Technology Corporation]
Site Internet  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSF30L200CT-A Fiches technique(HTML) 2 Page - Chip Integration Technology Corporation

  CSF30L200CT-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSF30L200CT-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSF30L200CT-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Fig.5 - Forward Current Derating Curve (per diode)
0
25
50
75
100
125
150
175
O
Case Temperature,T ( C)
C
15
12
6
9
3
18
CSF30L200CT-A
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier
Document ID : DS-11KIG
Revised Date : 2015/12/02
Revision : C
0.01
0.1
1
10
100
0
200
400
600
800
1000
Fig. 1 - Instantaneous Forward
Characteristics (per diode)
Instantaneous Forward Voltage,V (Volts)
F
T =25°C
J
T =50°C
J
T =125°C
J
T =150°C
J
T =75°C
J
T =100°C
J
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
100
1000
1
10
100
Fig. 3 - Forward Power Dissipation
Average Forward Current,I
(A)
F ( AV )
Fig. 4 - Total Capacitance VS. reverse voltage
Reverse Voltage,V (V)
R
0.0001
0.001
0.01
0.1
1
10
0
50
100
150
200
Reverse Voltage,V (V)
R
Fig. 2 - Reverse Characteristics (per diode)
O
T =50 C
J
O
T =150 C
J
O
T =125 C
J
O
T =100 C
J
O
T =75 C
J
O
T =25 C
J


Numéro de pièce similaire - CSF30L200CT-A

FabricantNo de pièceFiches techniqueDescription
logo
Chip Integration Techno...
CSF30L100CT CITC-CSF30L100CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L120CT CITC-CSF30L120CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L150CT CITC-CSF30L150CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L45CT-A CITC-CSF30L45CT-A Datasheet
506Kb / 3P
   30A MOS Schottky Rectifier
CSF30L50CT-A CITC-CSF30L50CT-A Datasheet
467Kb / 3P
   30A Low Barrier Diode
More results

Description similaire - CSF30L200CT-A

FabricantNo de pièceFiches techniqueDescription
logo
Chip Integration Techno...
CS20S60CT-A CITC-CS20S60CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30L50CT-A CITC-CS30L50CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S60CT-A CITC-CS30S60CT-A Datasheet
480Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S100CT-A CITC-CS30S100CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS3060CT-A CITC-CS3060CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10L150CT-A CITC-CSF10L150CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10S100CT CITC-CSF10S100CT Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L100CT CITC-CSF30L100CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L150CT CITC-CSF30L150CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF2060CT-A CITC-CSF2060CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10100CT-A CITC-CSF10100CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com