Moteur de recherche de fiches techniques de composants électroniques |
|
CSF30L60CT-A Fiches technique(PDF) 1 Page - Chip Integration Technology Corporation |
|
CSF30L60CT-A Fiches technique(HTML) 1 Page - Chip Integration Technology Corporation |
1 / 3 page 1 ■ Features ■ Mechanical data ■ Maximum ratings and electrical characteristics O Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Low forward voltage drop. • Excellent high temperature stability. • Fast switching capability. • Suffix "G" indicates Halogen-free part, ex.CSF30L60 G-A. • CT Lead-free parts meet environmental standards of • MIL-STD-19500 /228 CSF30L60CT-A I O I F S M I R R M T , T J S T G Forward rectified current (total device) Forward surge current (per diode) Thermal resistance(1) Operating and Storage temperature Parameter 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Conditions Symbol CSF30L60CT-A UNIT -55 ~ +150 30 280 A A O C/W O C 15 R θ J C Junction to case Peak repetitive reverse surge current (per diode) A 2us - 1kHz 3 Marking code CSF30L60CT DC blocking voltage Working peak reverse voltage Peak repetitive reverse voltage V R M V RW M V R R M 60 V V F I R Forward voltage drop (per diode) Reverse current (per diode) Parameter O V = V T = 25 C R R R M J O V = V T = 125 C R R R M J Conditions Symbol TYP. UNIT 60 0.5 mV mA MIN. MAX. O I = 15A, T = 25 C F J O I = 15A, T = 125 C F J 550 600 Note : 1.Thermal resistance from junction to case per leg, with heatsink size(1.35" x 0.95" x 0.18") Al-plate. Repetitive peak avalanche energy (per diode) W 8600 P A R M O 1us, 25 C Non-repetitive avalanche energy (per diode) mJ 400 E A S O T = 25 C, I = 20A, L = 8.5mH, tp = 1ms J A S Document ID : DS-11KA2 Revised Date : 2015/08/10 Revision : C7 • Epoxy : UL94-V0 rated flame retardant. . • Case : JEDEC ITO-220AB molded plastic body • Terminals : Solder plated, solderable per MIL-STD-750, Method 2026. ed. • Polarity: As mark . • Mounting Position : Any . • Weight : Approximated 2.25 gram ■ Outline ITO-220AB symbol Dimensions in inches(millimeters) A B C D E F G H I J K L M N ØP Min Max 0.390(9.9) 0.408(10.36) 0.268(6.8) 0.283(7.2) 0.583(14.8) 0.598(15.2) 0.512(13.0) 0.543(13.8) 0.102(2.6) 0.150(3.8) 0.101(2.55) 0.112(2.85) 0.043(1.1) 0.053(1.35) 0.043(1.1) 0.053(1.35) 0.020(0.5) 0.028(0.7) 0.098(2.49) 0.102(2.59) 0.169(4.3) 0.185(4.7) 0.112(2.85) 0.128(3.25) 0.098(2.5) 0.114(2.9) 0.020(0.5) 0.028(0.7) 0.130(3.3) 0.134(3.5) symbol Dimensions in inches(millimeters) A B C D E F G H I J K L M N ØP Min Max 0.383(9.72) 0.404(10.27) 0.248(6.3) 0.272(6.9) 0.571(14.5) 0.610(15.5) 0.516(13.1) 0.547(13.9) - 0.161(4.1) 0.094(2.4) 0.126(3.2) 0.039(1.0) 0.051(1.3) 0.039(1.0) 0.051(1.3) 0.020(0.5) 0.035(0.9) 0.095(2.41) 0.105(2.67) 0.169(4.3) 0.189(4.8) 0.055(1.4) 0.122(3.1) 0.091(2.3) 0.117(2.96) 0.014(0.35) 0.031(0.8) 0.122(3.1) 0.142(3.6) Alternate PIN 1 PIN 3 PIN 2 Marking code A 1 2 3 J B C D E F G H I K L M N ØP Marking code A 1 2 3 J B C D E F G H I K L M N ØP Main Product Characteristics I F ( AV ) 2x15A V R R M T J V ( Ty p ) 60V O 150 C 0.53V Chip Integration Technology Corporation Super Low Barrier High Voltage Power Rectifier 530 |
Numéro de pièce similaire - CSF30L60CT-A |
|
Description similaire - CSF30L60CT-A |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |