Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74LVXC3245 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce 74LVXC3245
Description  8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXC3245 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  74LVXC3245 Datasheet HTML 1Page - Fairchild Semiconductor 74LVXC3245 Datasheet HTML 2Page - Fairchild Semiconductor 74LVXC3245 Datasheet HTML 3Page - Fairchild Semiconductor 74LVXC3245 Datasheet HTML 4Page - Fairchild Semiconductor 74LVXC3245 Datasheet HTML 5Page - Fairchild Semiconductor 74LVXC3245 Datasheet HTML 6Page - Fairchild Semiconductor 74LVXC3245 Datasheet HTML 7Page - Fairchild Semiconductor 74LVXC3245 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Power Up Considerations
To insure the system does not experience unnecessary ICC
current draw, bus contention, or oscillations during power
up, the following guidelines should be adhered to (refer to
Table 1):
• Power up the control side of the device first. This is the
VCCA side.
• OE should ramp with or ahead of VCCA. This will help
guard against bus contention.
• The Transmit/Receive control pin (T/R) should ramp with
VCCA, this will ensure that the A Port data pins are con-
figured as inputs. With VCCA receiving power first, the A
I/O Port should be configured as inputs to help guard
against bus contention and oscillations.
• A side data inputs should be driven to a valid logic level.
This will prevent excessive current draw.
The above steps will ensure that no bus contention or oscil-
lations, and therefore no excessive current draw occurs
during the power up cycling of these devices. These steps
will help prevent possible damage to the translator devices
and potential damage to other system components.
TABLE 1. Low Voltage Translator Power Up Sequencing Table
Please reference Application Note AN-5001 for more detailed information on using Fairchild’s LVX Low Voltage Dual
Supply CMOS Translating Transceivers.
Configurable I/O Application for PCMCIA Cards
Block Diagram
The LVXC3245 is a 24-pin dual supply device well suited
for PCMCIA configurable I/O applications. Ideal for low
power notebook designs, the LVXC3245 consumes less
than 1 mW of quiescent power in all modes of operation.
The LVXC3245 meets all PCMCIA I/O voltage require-
ments at 5V and 3.3V operation. By tying VCCB of the
LVXC3245 to the card voltage supply, the PCMCIA card
will always experience rail to rail output swings, maximizing
the reliability of the interface.
The VCCA pin on the LVXC3245 must always be tied to a
3V power supply. This voltage connection provides internal
references needed to account for variations in VCCB. When
connected as in the figure above, the LVXC3245 meets all
the voltage and current requirements of the ISA bus stan-
dard (IEEE P996).
Device Type
VCCA
VCCB
T/R
OE
A Side I/O
B Side I/O
Floatable Pin
Allowed
74LVXC3245
3V
3V to 5.5V
ramp
ramp
logic
outputs
yes, VCCB and B
(power up 1st)
configurable
with VCCA
with VCCA
0V or VCCA
I/O’s w/ OE HIGH


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVXC4245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
54LVXC4245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE Outputs 1  2  3  4  5  More National Semiconductor (TI)
PI74LVCC3245A 8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs 1  2  3  4  5  More Pericom Semiconductor Corporation
PI74LVCC4245A 8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs 1  2  3  4  5  More Pericom Semiconductor Corporation
74LVXC164245 16-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE-R Outputs 1  2  3  4  National Semiconductor (TI)
SN74AVC8T245 8 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74LVC2T45 DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVC20T245 20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
FXL4245 Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn