Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74LVXC3245 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce 74LVXC3245
Description  8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXC3245 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  74LVXC3245 Datasheet HTML 1Page - Fairchild Semiconductor 74LVXC3245 Datasheet HTML 2Page - Fairchild Semiconductor 74LVXC3245 Datasheet HTML 3Page - Fairchild Semiconductor 74LVXC3245 Datasheet HTML 4Page - Fairchild Semiconductor 74LVXC3245 Datasheet HTML 5Page - Fairchild Semiconductor 74LVXC3245 Datasheet HTML 6Page - Fairchild Semiconductor 74LVXC3245 Datasheet HTML 7Page - Fairchild Semiconductor 74LVXC3245 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: The A Port unused pins (inputs or I/Os) must be held HIGH or
LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCCA, VCCB)
−0.5V to +7.0V
DC Input Voltage (VI) @ OE, T/R
−0.5V to V
CCA +0.5V
DC Input/Output Voltage (VI/O)
@ An
−0.5V to V
CCA +0.5V
@ Bn
−0.5V to V
CCB +0.5V
DC Input Diode Current (IIK)
@ OE, T/R
±20 mA
DC Output Diode (IOK) Current
±50 mA
DC Output Source or Sink Current (IO)
±50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
±50 mA
and Max Current
±200 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
DC Latch-Up Source or Sink Current
±300 mA
Supply Voltage
VCCA
2.7V to 3.6V
VCCB
3.0V to 5.5V
Input Voltage (VI) @ OE, T/R
0V to VCCA
Input Output Voltage (VI/O)
@ An
0V to VCCA
@ Bn
0V to VCCB
Free Air Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆V/∆t)
8 ns/V
VIN from 30% to 70% of VCC
VCC @ 3.0V, 4.5V, 5.5V
Symbol
Parameter
VCCA
VCCB
TA = 25°CTA = −40°C to +85°C
Units
Conditions
(V)
(V)
Typ
Guaranteed Limits
VIHA
Minimum HIGH
An,
2.7
3.0
2.0
2.0
V
VOUT ≤ 0.1V
Level Input
OE
3.0
3.6
2.0
2.0
or
Voltage
T/R
3.6
5.5
2.0
2.0
≥V
CC − 0.1V
VIHB
Bn
2.7
3.0
2.0
2.0
3.0
3.6
2.0
2.0
3.6
5.5
3.85
3.85
VILA
Maximum LOW
An,
2.7
3.0
0.8
0.8
V
VOUT ≤ 0.1V
Level Input
OE
3.0
3.6
0.8
0.8
or
Voltage
T/R
3.6
5.5
0.8
0.8
≥V
CC − 0.1V
VILB
Bn
2.7
3.0
0.8
0.8
3.0
3.6
0.8
0.8
3.6
5.5
1.65
1.65
VOHA
Minimum HIGH Level
3.0
3.0
2.99
2.9
2.9
V
IOUT = −100 µA
Output Voltage
3.0
3.0
2.85
2.56
2.46
IOH = −12 mA
3.0
3.0
2.65
2.35
2.25
IOH = −24 mA
2.7
3.0
2.5
2.3
2.2
IOH = −12 mA
2.7
4.5
2.3
2.1
2.0
IOH = −24 mA
VOHB
3.0
3.0
2.99
2.9
2.9
V
IOUT = −100 µA
3.0
3.0
2.85
2.56
2.46
IOH = −12 mA
3.0
3.0
2.65
2.35
2.25
IOH = −24 mA
3.0
4.5
4.25
3.86
3.76
IOH = −24 mA
VOLA
Maximum LOW Level
3.0
3.0
0.002
0.1
0.1
V
IOUT = 100 µA
Output Voltage
3.0
3.0
0.21
0.36
0.44
IOL = 24 mA
2.7
3.0
0.11
0.36
0.44
IOL = 12 mA
2.7
4.5
0.22
0.42
0.5
IOL = 24 mA
VOLB
3.0
3.0
0.002
0.1
0.1
V
IOUT = 100 µA
3.0
3.0
0.21
0.36
0.44
IOL = 24 mA
3.0
4.5
0.18
0.36
0.44
IOL = 24 mA
IIN
Maximum Input
3.6
3.6
±0.1
±1.0
µA
VI = VCCA, GND
Leakage Current @
3.6
5.5
±0.1
±1.0
OE, T/R


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVXC4245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
54LVXC4245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE Outputs 1  2  3  4  5  More National Semiconductor (TI)
PI74LVCC3245A 8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs 1  2  3  4  5  More Pericom Semiconductor Corporation
PI74LVCC4245A 8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs 1  2  3  4  5  More Pericom Semiconductor Corporation
74LVXC164245 16-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE-R Outputs 1  2  3  4  National Semiconductor (TI)
SN74AVC8T245 8 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74LVC2T45 DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVC20T245 20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
FXL4245 Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn