Moteur de recherche de fiches techniques de composants électroniques |
|
CS1060CT-A Fiches technique(PDF) 1 Page - Chip Integration Technology Corporation |
|
CS1060CT-A Fiches technique(HTML) 1 Page - Chip Integration Technology Corporation |
1 / 3 page 1 ■ Features ■ Mechanical data ■ Maximum ratings and electrical characteristics O Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Low forward voltage drop. • Excellent high temperature stability. • Fast switching capability. • Lead-free parts meet environmental standards of • MIL-STD-19500 /228 CS1060CT-A 10A Low Barrier Diode V F I R Forward voltage drop (per diode) Reverse current (per diode) Parameter O V = V T = 25 C R R R M J O V = V T = 125 C R R R M J Conditions Symbol TYP. UNIT 100 0.5 mV mA MIN. MAX. O I = 5A, T = 25 C F J O I = 5A, T = 125 C F J 580 610 Note : 1.Thermal resistance from junction to case per leg, with heatsink size(1.35" x 0.95" x 0.18") Al-plate. Forward rectified current (total device) Forward surge current (per diode) Thermal resistance(1) (per diode) Operating and Storage temperature Parameter Marking code DC blocking voltage Working peak reverse voltage Peak repetitive reverse voltage I O I F S M T , T J S T G 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Conditions Symbol CS1060CT-A UNIT -65 ~ +150 10 120 A A O C/W O C R θ J C Junction to case CS1060CT V R M V RW M V R R M 60 V Document ID : DS-11KGV Revised Date : 2015/06/12 Revision : C • Epoxy : UL94-V0 rated flame retardant. . • Case : JEDEC TO-220AB molded plastic body • Terminals : Solder plated, solderable per MIL-STD-750, Method 2026. ed. • Polarity: As mark . • Mounting Position : Any . • Weight : Approximated 2.25 gram 2 ■ Outline TO-220AB symbol Dimensions in inches(millimeters) A B C D E F G H I J K L M N ØP Min Max 0.398(10.1) 0.406(10.3) 0.236(6.0) 0.252(6.4) 0.579(14.7) 0.594(15.1) 0.543(13.8) 0.551(14.0) 0.143(3.63) 0.159(4.03) 0.104(2.64) 0.112(2.84) 0.335(8.5) 0.350(8.9) 0.046(1.17) 0.054(1.37) 0.028(0.71) 0.036(0.91) 0.098(2.49) 0.102(2.59) 0.176(4.47) 0.184(4.67) 0.046(1.17) 0.054(1.37) 0.102(2.6) 0.110(2.8) 0.019(0.28) 0.021(0.48) 0.147(3.74) 0.155(3.94) symbol Dimensions in inches(millimeters) A B C D E F G H I J K L M N ØP Min Max 0.394(10.0) 0.413(10.5) 0.228(5.8) 0.268(6.8) 0.570(14.48) 0.625(15.87) 0.519(13.18) 0.558(14.18) 0.089(3.5) 0.099(3.9) 0.100(2.54) 0.120(3.04) 0.330(8.38) 0.350(8.9) 0.045(1.15) 0.060(1.52) 0.029(0.75) 0.037(0.95) 0.095(2.42) 0.105(2.66) 0.160(4.07) 0.190(4.82) 0.045(1.15) 0.055(1.39) 0.080(2.04) 0.110(2.8) 0.013(0.33) 0.019(0.52) 0.148(3.75) 0.156(3.95) Alternate Marking code A ØP B 1 2 3 J L C D E F G H I K M N Marking code A ØP B 1 2 3 J L C D E F G H I K M N C PIN 1 PIN 3 PIN 2 Dimensions in inches and (millimeters) |
Numéro de pièce similaire - CS1060CT-A |
|
Description similaire - CS1060CT-A |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |