Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS1060CT-A Fiches technique(PDF) 2 Page - Chip Integration Technology Corporation

No de pièce CS1060CT-A
Description  10A Low Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CITC [Chip Integration Technology Corporation]
Site Internet  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CS1060CT-A Fiches technique(HTML) 2 Page - Chip Integration Technology Corporation

  CS1060CT-A Datasheet HTML 1Page - Chip Integration Technology Corporation CS1060CT-A Datasheet HTML 2Page - Chip Integration Technology Corporation CS1060CT-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Fig.1 - Forward Current Derating Curve (per diode)
0
25
50
75
100
125
150
175
O
Case Temperature,T ( C)
C
6
4
2
single phase half wave 60Hz
resistive or inductive load
10A Low Barrier Diode
Fig. 2 - Instantaneous Forward
Characteristics (per diode)
Instantaneous Forward Voltage,V (Volts)
F
100
10
1
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
T =25°C
A
T =125°C
A
T =150°C
A
T =100°C
A
T =75°C
A
Reverse Voltage,V (V)
R
Fig. 3 - Reverse Characteristics (per diode)
0
10
20
30
40
50
60
1000
100
10
1
0.01
0.1
O
T =150 C
A
O
T =125 C
A
O
T =75 C
A
O
T =100 C
A
O
T =25 C
A
CS1060CT-A
Document ID : DS-11KGV
Revised Date : 2015/06/12
Revision : C


Numéro de pièce similaire - CS1060CT-A

FabricantNo de pièceFiches techniqueDescription
logo
SynQor Worldwide Headqu...
CS106 SYNQOR-CS106 Datasheet
2Mb / 9P
   All capacitors are X7R multi-layer ceramic
More results

Description similaire - CS1060CT-A

FabricantNo de pièceFiches techniqueDescription
logo
Chip Integration Techno...
CS10L100CT CITC-CS10L100CT Datasheet
465Kb / 3P
   10A Low Barrier Diode
CS10L150CT CITC-CS10L150CT Datasheet
465Kb / 3P
   10A Low Barrier Diode
CSF1060CT-A CITC-CSF1060CT-A Datasheet
468Kb / 3P
   10A Low Barrier Diode
CSF10S300CT-A CITC-CSF10S300CT-A Datasheet
467Kb / 3P
   10A Low Barrier Diode
CST10S40CT CITC-CST10S40CT Datasheet
466Kb / 3P
   10A Trench Low Barrier Diode
CSTF10S40CT CITC-CSTF10S40CT Datasheet
467Kb / 3P
   10A Trench Low Barrier Diode
CSP10S100S-A CITC-CSP10S100S-A Datasheet
464Kb / 3P
   10A Surface Mount Super Low Barrier Diode
logo
Zibo Seno Electronic En...
10SQ030 ZSELEC-10SQ030 Datasheet
171Kb / 2P
   10A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SD1030 WTE-SD1030_08 Datasheet
68Kb / 4P
   10A SCHOTTKY BARRIER DIODE
SD1030-06 WTE-SD1030-06 Datasheet
64Kb / 4P
   10A SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com