Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS8342D10BGD-400 Fiches technique(PDF) 1 Page - GSI Technology

No de pièce GS8342D10BGD-400
Description  36Mb SigmaQuad-IITM Burst of 4 SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342D10BGD-400 Fiches technique(HTML) 1 Page - GSI Technology

  GS8342D10BGD-400 Datasheet HTML 1Page - GSI Technology GS8342D10BGD-400 Datasheet HTML 2Page - GSI Technology GS8342D10BGD-400 Datasheet HTML 3Page - GSI Technology GS8342D10BGD-400 Datasheet HTML 4Page - GSI Technology GS8342D10BGD-400 Datasheet HTML 5Page - GSI Technology GS8342D10BGD-400 Datasheet HTML 6Page - GSI Technology GS8342D10BGD-400 Datasheet HTML 7Page - GSI Technology GS8342D10BGD-400 Datasheet HTML 8Page - GSI Technology GS8342D10BGD-400 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
GS8342D07/10/19/37BD-450/400/350/333/300
36Mb SigmaQuad-II+TM
Burst of 4 SRAM
450 MHz–300 MHz
1.8 V VDD
1.8 V and 1.5 V I/O
165-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.02a 8/2017
1/29
© 2011, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• 2.0 Clock Latency
• Simultaneous Read and Write SigmaQuad™ Interface
• JEDEC-standard pinout and package
• Dual Double Data Rate interface
• Byte Write controls sampled at data-in time
• Burst of 4 Read and Write
• On-Die Termination (ODT) on Data (D), Byte Write (BW),
and Clock (K, K) inputs
• 1.8 V +100/–100 mV core power supply
• 1.5 V or 1.8 V HSTL Interface
• Pipelined read operation
• Fully coherent read and write pipelines
• ZQ pin for programmable output drive strength
• Data Valid Pin (QVLD) Support
• IEEE 1149.1 JTAG-compliant Boundary Scan
• 165-bump, 13 mm x 15 mm, 1 mm bump pitch BGA package
• RoHS-compliant 165-bump BGA package available
SigmaQuad™ Family Overview
The GS8342D07/10/19/37BD are built in compliance with the
SigmaQuad-II+ SRAM pinout standard for Separate I/O
synchronous SRAMs. They are 37,748,736-bit (36Mb)
SRAMs. The GS8342D07/10/19/37BD SigmaQuad SRAMs
are just one element in a family of low power, low voltage
HSTL I/O SRAMs designed to operate at the speeds needed to
implement economical high performance networking systems.
Clocking and Addressing Schemes
The GS8342D07/10/19/37BD SigmaQuad-II+ SRAMs are
synchronous devices. They employ two input register clock
inputs, K and K. K and K are independent single-ended clock
inputs, not differential inputs to a single differential clock input
buffer.
Each internal read and write operation in a SigmaQuad-II+ B4
RAM is four times wider than the device I/O bus. An input
data bus de-multiplexer is used to accumulate incoming data
before it is simultaneously written to the memory array. An
output data multiplexer is used to capture the data produced
from a single memory array read and then route it to the
appropriate output drivers as needed. Therefore the address
field of a SigmaQuad-II+ B4 RAM is always two address pins
less than the advertised index depth (e.g., the 4M x 8 has a 1M
addressable index).
Parameter Synopsis
-450
-400
-350
-333
-300
tKHKH
2.22 ns
2.5 ns
2.86 ns
3.0 ns
3.3 ns
tKHQV
0.45 ns
0.45 ns
0.45 ns
0.45 ns
0.45 ns


Numéro de pièce similaire - GS8342D10BGD-400

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8342D10BGD-400I GSI-GS8342D10BGD-400I Datasheet
506Kb / 29P
   JEDEC-standard pinout and package
More results

Description similaire - GS8342D10BGD-400

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8342D38BGD-350 GSI-GS8342D38BGD-350 Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D11BGD-350 GSI-GS8342D11BGD-350 Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT11BD-550 GSI-GS8342DT11BD-550 Datasheet
524Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT38BD-400I GSI-GS8342DT38BD-400I Datasheet
524Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D10BGD-450 GSI-GS8342D10BGD-450 Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D11BGD-550 GSI-GS8342D11BGD-550 Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D19BD-300I GSI-GS8342D19BD-300I Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D19BD-333 GSI-GS8342D19BD-333 Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D07BGD-350 GSI-GS8342D07BGD-350 Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT10BD-333I GSI-GS8342DT10BD-333I Datasheet
507Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT07 GSI-GS8342DT07 Datasheet
467Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com