Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NTE1749 Datasheet(Fiches technique) 1 Page - NTE Electronics

Numéro de pièce NTE1749
Description  Integrated Circuit Push-Pull Four Channel Driver
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1749 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1749 Datasheet HTML 1Page - NTE Electronics NTE1749 Datenblatt HTML 2Page - NTE Electronics NTE1749 Datenblatt HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE1749
Integrated Circuit
Push–Pull Four Channel Driver
Description:
The NTE1749 is a quad push–pull driver capable of delivering output currents to 1A per channel.
Each channel is controlled by a TTL–compatible logic input and each pair of drivers (a full bridge) is
equipped with an inhibit input which turns off all four transistors. A separate supply input is provided
for the logic so that it may be run off a lower voltage to reduce dissipation.
Features:
D Output Current 1A Per Channel
D Peak Output Current 2A Per Channel (Non Repetitive)
D Inhibit Facility
D High Noise Immunity
D Separate Logic Supply
D Overtemperature Protection
Absolute Maximum Ratings:
Supply Voltage, VS
36V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Logic Supply Voltage, VSS
36V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, VI
7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Inhibit Voltage, Vinh
7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Output Current (Non–Repetitive, t = 5ms), IO
2A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (Tground–pins = +80°C), PD
5W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Thermal Resistance, Junction–to–Case RthJC
14
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient, RthJA
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn