Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS81302Q37AGD-333 Fiches technique(PDF) 4 Page - GSI Technology

No de pièce GS81302Q37AGD-333
Description  144Mb SigmaQuad-IITM Burst of 2 SRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302Q37AGD-333 Fiches technique(HTML) 4 Page - GSI Technology

  GS81302Q37AGD-333 Datasheet HTML 1Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 2Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 3Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 4Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 5Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 6Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 7Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 8Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Pin Description Table
Symbol
Description
Type
Comments
SA
Synchronous Address Inputs
Input
R
Synchronous Read
Input
Active Low
W
Synchronous Write
Input
Active Low
BW0–BW3
Synchronous Byte Writes
Input
Active Low
K
Input Clock
Input
Active High
K
Input Clock
Input
Active Low
TMS
Test Mode Select
Input
TDI
Test Data Input
Input
TCK
Test Clock Input
Input
TDO
Test Data Output
Output
VREF
HSTL Input Reference Voltage
Input
ZQ
Output Impedance Matching Input
Input
Qn
Synchronous Data Outputs
Output
Dn
Synchronous Data Inputs
Input
Doff
Disable PLL when low
Input
Active Low
CQ
Output Echo Clock
Output
CQ
Output Echo Clock
Output
VDD
Power Supply
Supply
1.8 V Nominal
VDDQ
Isolated Output Buffer Supply
Supply
1.8 V or 1.5 V Nominal
VSS
Power Supply: Ground
Supply
QVLD
Q Valid Output
Output
ODT
On-Die Termination
Input
Active High
NC
No Connect
Preliminary
GS81302Q19/37AGD-450/400/375/333
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.00a 5/2017
4/24
© 2017, GSI Technology
Notes:
1. NC = Not Connected to die or any other pin
2. When ZQ pin is directly connected to VDDQ, output impedance is set to minimum value and it cannot be connected to ground or left
unconnected.
3. K and K cannot be set to VREF voltage.


Numéro de pièce similaire - GS81302Q37AGD-333

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS81302Q37AGD-375 GSI-GS81302Q37AGD-375 Datasheet
428Kb / 24P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q37AGD-375I GSI-GS81302Q37AGD-375I Datasheet
428Kb / 24P
   JEDEC-standard pinout and package
More results

Description similaire - GS81302Q37AGD-333

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS81302Q07E-300 GSI-GS81302Q07E-300 Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q37GE-300I GSI-GS81302Q37GE-300I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302QT19GE-250 GSI-GS81302QT19GE-250 Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q10E-300I GSI-GS81302Q10E-300I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302QT07E-250 GSI-GS81302QT07E-250 Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q19GE-300 GSI-GS81302Q19GE-300 Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q37E-250I GSI-GS81302Q37E-250I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302QT37AGD-333I GSI-GS81302QT37AGD-333I Datasheet
432Kb / 25P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q07E-200I GSI-GS81302Q07E-200I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302QT10GE-300I GSI-GS81302QT10GE-300I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com